Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQCB5M100CAJ1A Datasheet(PDF) 1 Page - AVX Corporation

Part # SQCB5M100CAJ1A
Description  Microwave MLCs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SQCB5M100CAJ1A Datasheet(HTML) 1 Page - AVX Corporation

  SQCB5M100CAJ1A Datasheet HTML 1Page - AVX Corporation SQCB5M100CAJ1A Datasheet HTML 2Page - AVX Corporation SQCB5M100CAJ1A Datasheet HTML 3Page - AVX Corporation SQCB5M100CAJ1A Datasheet HTML 4Page - AVX Corporation SQCB5M100CAJ1A Datasheet HTML 5Page - AVX Corporation SQCB5M100CAJ1A Datasheet HTML 6Page - AVX Corporation SQCB5M100CAJ1A Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
119
8
SQ
AVX Style
CB
Case Size
CA = *
CB = *
* See mechanical
dimensions
below
7
Voltage
Code
5 = 50V
1 = 100V
E = 150V
2 = 200V
V = 250V
9 = 300V
7 = 500V
M
100
J
A
Failure Rate
Code
A = Not
Applicable
T1A
Microwave MLC’s
SQ A Case & B Case Ultra Low ESR MLC
FEATURES:
• Low ESR
• High Q
• High Self Resonance
• Capacitance Range 0.1 pF to 5100 pF
• 175ºC Capability SQCB
APPLICATIONS:
• RF Power Amplifiers
• Low Noise Amplifiers
• Filter Networks
• MRI Systems
HOW TO ORDER
Temperature
Coefficient Code
M = +90±20ppm/°C
A = 0±30ppm/°C
C = 15% (“J” Termination only)
Termination Style Code
**1 = Pd/Ag
**7 = Ag/Ni/Au
J = Nickel Barrier Sn/Pb
(60/40)
**T = 100% Tin
H = Cu/Sn (Non-Magnetic)
Capacitance
Tolerance Code
B = ±.1 pF
C = ±.25 pF
D = ±.5 pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
M = ±20%
N = ±30%
Capacitance
EIA Capacitance Code in pF.
First two digits = significant
figures or “R” for decimal
place.
Third digit = number of zeros
or after “R” significant figures.
TAPE & REEL: All tape and reel specifications are in compliance with EIA RS481 (equivalent to IEC 286 part 3).
—8mm carrier
—7" reel: SQCA/SQCB = 1000 pcs
WAFFLE PACK
SQCA 100 pcs
SQCB 100 pcs
Packaging Code
1A = 7" Reel Unmarked
6A = Waffle Pack Unmarked
ME = 7" Reel Marked
WE = Waffle Pack Marked
* Vertical T&R available
Case
Length (L)
Width (W)
Thickness (T)
Band Width (bw)
SQCA*
.055 + .015 - .010
.055±.015
.020/.057
.010 + .010 -.005
(1.40+ .381 - .254)
(1.40±.381)
(.508/1.45)
(.254 +.254 -.127)
SQCB*
.110 + .020 - .010
.110±.010
.030/.102
.015±.010
(2.79 +.508 -.254)
(2.79±.254)
(.762/2.59)
(.381±.254)
MECHANICAL DIMENSIONS: inches (millimeters)
L
W
T
bw
**RoHS compliant
Not RoHS Compliant
LEAD-FREE COMPATIBLE
COMPONENT
For RoHS compliant products,
please select correct termination style.


Similar Part No. - SQCB5M100CAJ1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SQCB5M100CAT1A AVX-SQCB5M100CAT1A Datasheet
925Kb / 7P
   SQ A Case & B Case Ultra Low ESR MLC
More results

Similar Description - SQCB5M100CAJ1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06031C271KAZ2A AVX-06031C271KAZ2A Datasheet
6Mb / 135P
   Application Specific MLCs
06031C222KAZ2A AVX-06031C222KAZ2A Datasheet
6Mb / 135P
   Application Specific MLCs
logo
Qimonda AG
ATCHP0402 QIMONDA-ATCHP0402 Datasheet
80Kb / 2P
   HIGH PERFORMANCE NPO CERAMIC MLCS
logo
List of Unclassifed Man...
ATCHP0603 ETC2-ATCHP0603 Datasheet
79Kb / 2P
   HIGH PERFORMANCE NPO CERAMIC MLCS
ATCHP0805 ETC2-ATCHP0805 Datasheet
73Kb / 2P
   HIGH PERFORMANCE NPO CERAMIC MLCS
ATCHP1210 ETC2-ATCHP1210 Datasheet
78Kb / 2P
   HIGH PERFORMANCE NPO CERAMIC MLCS
BMI-S-209-F ETC2-BMI-S-209-F Datasheet
567Kb / 3P
   Microwave Absorber Microwave Absorber
logo
Emcore Corporation
1542 EMCORE-1542 Datasheet
787Kb / 4P
   Microwave DFB Laser Microwave DFB Laser
logo
AVX Corporation
GD AVX-GD_17 Datasheet
107Kb / 1P
   Microwave SLCs
logo
Micross Components
HMC347 MICROSS-HMC347 Datasheet
860Kb / 9P
   Microwave Radio
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com