Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC245AMTC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MM74HC245AMTC
Description  Octal 3-STATE Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC245AMTC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM74HC245AMTC Datasheet HTML 1Page - Fairchild Semiconductor MM74HC245AMTC Datasheet HTML 2Page - Fairchild Semiconductor MM74HC245AMTC Datasheet HTML 3Page - Fairchild Semiconductor MM74HC245AMTC Datasheet HTML 4Page - Fairchild Semiconductor MM74HC245AMTC Datasheet HTML 5Page - Fairchild Semiconductor MM74HC245AMTC Datasheet HTML 6Page - Fairchild Semiconductor MM74HC245AMTC Datasheet HTML 7Page - Fairchild Semiconductor MM74HC245AMTC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: Maximum Ratings are those values beyond which damage to the
device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
Note 3: Power Dissipation temperature derating — plastic “N” package:

12 mW/
qC from 65qC to 85qC.
DC Electrical Characteristics (Note 4)
Note 4: For a power supply of 5V
r10% the worst case output voltages (VOH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when
designing with this supply. Worst case VIH and VIL occur at VCC 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage cur-
rent (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
Supply Voltage (VCC)
0.5 to 7.0V
DC Input Voltage DIR and G pins (VIN) 1.5 to VCC 1.5V
DC Input/Output Voltage (VIN, VOUT)
0.5 to VCC 0.5V
Clamp Diode Current (ICD)
r20 mA
DC Output Current, per pin (IOUT)
r35 mA
DC VCC or GND Current, per pin (ICC)
r70 mA
Storage Temperature Range (TSTG)
65qC to 150qC
Power Dissipation (PD)
(Note 3)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260
qC
Min
Max
Units
Supply Voltage (VCC)2
6
V
DC Input or Output Voltage
(VIN, VOUT)0
VCC
V
Operating Temperature Range (TA) 40
85
qC
Input Rise/Fall Times
(tr, tf)
VCC 2.0V
1000
ns
VCC 4.5V
500
ns
VCC 6.0V
400
ns
Symbol
Parameter
Conditions
VCC
TA 25qCTA 40 to 85qCTA 55 to 125qC
Units
Typ
Guaranteed Limits
VIH
Minimum HIGH Level Input
2.0V
1.5
1.5
1.5
V
Voltage
4.5V
3.15
3.15
3.15
V
6.0V
4.2
4.2
4.2
V
VIL
Maximum LOW Level Input
2.0V
0.5
0.5
0.5
V
Voltage
4.5V
1.35
1.35
1.35
V
6.0V
1.8
1.8
1.8
V
VOH
Minimum HIGH Level Output
VIN VIH or VIL
Voltage
|IOUT| d 20 PA
2.0V
2.0
1.9
1.9
1.9
V
4.5V
4.5
4.4
4.4
4.4
V
6.0V
6.0
5.9
5.9
5.9
V
VIN VIH or VIL
|IOUT| d 6.0 mA
4.5V
4.2
3.98
3.84
3.7
V
|IOUT| d 7.8 mA
6.0V
5.7
5.48
5.34
5.2
V
VOL
Maximum LOW Level Output
VIN VIH or VIL
Voltage
|IOUT| d 20 PA
2.0V
0
0.1
0.1
0.1
V
4.5V
0
0.1
0.1
0.1
V
6.0V
0
0.1
0.1
0.1
V
VIN VIH or VIL
|IOUT| d 6.0 mA
4.5V
0.2
0.26
0.33
0.4
V
|IOUT| d 7.8 mA
6.0V
0.2
0.26
0.33
0.4
V
IIN
Input Leakage
VIN VCC to GND
6.0V
r0.1
r1.0
r1.0
PA
Current (G and DIR)
IOZ
Maximum 3-STATE Output
VOUT VCC or GND
6.0V
r0.5
r5.0
r10
PA
Leakage Current
Enable G
VIH
ICC
Maximum Quiescent Supply
VIN VCC or GND
6.0V
8.0
80
160
PA
Current
IOUT 0 PA


Similar Part No. - MM74HC245AMTC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM74HC245AMTC ONSEMI-MM74HC245AMTC Datasheet
212Kb / 10P
   Octal 3-STATE Transceiver
Revised May 2005
More results

Similar Description - MM74HC245AMTC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM74HC245A ONSEMI-MM74HC245A Datasheet
212Kb / 10P
   Octal 3-STATE Transceiver
Revised May 2005
logo
Nexperia B.V. All right...
74F245 NEXPERIA-74F245 Datasheet
213Kb / 11P
   Octal transceiver (3-State)
November 15, 1994
logo
Fairchild Semiconductor
DM74ALS5245 FAIRCHILD-DM74ALS5245 Datasheet
78Kb / 7P
   Octal 3-STATE Transceiver
logo
NXP Semiconductors
74F245 PHILIPS-74F245 Datasheet
91Kb / 10P
   Octal transceiver 3-State
1994 Nov 15
logo
ON Semiconductor
MM74HCT245 ONSEMI-MM74HCT245 Datasheet
213Kb / 10P
   Octal 3-STATE Transceiver
Revised May 2005
logo
NXP Semiconductors
74ALS245A PHILIPS-74ALS245A Datasheet
116Kb / 10P
   Octal transceiver 3-State
1991 Jun 03
logo
Fairchild Semiconductor
MM74HCT245 FAIRCHILD-MM74HCT245 Datasheet
107Kb / 8P
   Octal 3-STATE Transceiver
MM74HCT245 FAIRCHILD-MM74HCT245 Datasheet
103Kb / 7P
   Octal 3-STATE Transceiver
logo
NXP Semiconductors
74F1245 PHILIPS-74F1245 Datasheet
86Kb / 10P
   Octal transceiver 3-State
1995 Mar 01
74ALS645A PHILIPS-74ALS645A Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com