Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-22003-TR2 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-22003-TR2
Description  2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-22003-TR2 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-22003-TR2 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-22003-TR2 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-22003-TR2 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-22003-TR2 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-22003-TR2 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-22003-TR2 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED MGA-22003-TR2 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED MGA-22003-TR2 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED MGA-22003-TR2 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Application Circuit MGA-22003
1 RF In
2 GND
3 GND
4 BCTRL
GND 12
RF Out 11
GND 10
NC 9
BCTRL
RF In
RF Out
100pF
100pF
BSPLY BSW
PAMOD
Vdd1
100pF
Vdd2
100pF
100pF
0.1uF
100pF
0.1uF
10uF
47uF
10uF
1 RF In
2 GND
3 GND
4 BCTRL
GND 12
RF Out 11
GND 10
NC 9
RF Out
Using 3.3V or 5V Supply and connecting Vcc1, Vcc2, BSLPY and BCTRL
Notes: BCTRL regulates the device current, thus R1 and R2 should have
good tolerance rating. If available, a voltage regulator is the preferred
method of bias.
In this example we set R2 at 10MOhm and solve for R1 with simple voltage
divider equation. Use high resistance values to limit leakage current.
Vbat
Vcc1
Vcc2
BSPLY
R1
R2
BCTRL
3.3V Example :
R2
VBCTRL =
*VBATT
R1 + R2
10M
2.85V =
*3.3V
R1 + 10M
R1
= 1.58M
R2
= 10M
Given :
VBCTRL = 2.85V
VBAT
= 3.3V
R2
= 10M
R1
= ?
5.0V Example :
R2
VBCTRL =
*VBATT
R1 + R2
10M
2.85V =
*5.0V
R1 + 10M
R1
= 7.54M
R2
= 10M
Given :
VBCTRL = 2.85V
VBAT
= 5.0V
R2
= 10M
R1
= ?


Similar Part No. - MGA-22003-TR2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-22003 BOARDCOM-MGA-22003 Datasheet
206Kb / 16P
   2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
MGA-22003 BOARDCOM-MGA-22003 Datasheet
206Kb / 16P
   2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-22003 AVAGO-MGA-22003_15 Datasheet
206Kb / 16P
   2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
More results

Similar Description - MGA-22003-TR2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-2XX03 BOARDCOM-DEMO-MGA-2XX03 Datasheet
206Kb / 16P
   2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
MGA-22003 BOARDCOM-MGA-22003 Datasheet
206Kb / 16P
   2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-22003 AVAGO-MGA-22003_15 Datasheet
206Kb / 16P
   2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
MGA-25203 AVAGO-MGA-25203 Datasheet
207Kb / 15P
   5.1 - 5.9 GHz WiFi and WiMAX Power Amplifi er (3x3mm)
MGA-23003 AVAGO-MGA-23003 Datasheet
223Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifi er (3x3mm)
MGA-22103 AVAGO-MGA-22103 Datasheet
252Kb / 14P
   2.5-2.7 GHz WiMAX Power Amplifi er Module
logo
Broadcom Corporation.
MGA-22103 BOARDCOM-MGA-22103 Datasheet
252Kb / 14P
   2.5-2.7 GHz WiMAX Power Amplifi er Module
logo
SiGe Semiconductor, Inc...
SE7265L SIGE-SE7265L Datasheet
142Kb / 2P
   2.3-2.7 GHz WiMAX Power Amplifier Preliminary
logo
Johanson Technology Inc...
2500AT44M0400 JOHANSON-2500AT44M0400_09 Datasheet
294Kb / 3P
   WiMAX 2.3 - 2.7 GHz Chip Antenna
2500AT44M0400 JOHANSON-2500AT44M0400 Datasheet
145Kb / 3P
   WiMAX 2.3 - 2.7 GHz Chip Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com