Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-25203-BLKG Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-25203-BLKG
Description  5.1 - 5.9 GHz WiFi and WiMAX Power Amplifi er (3x3mm)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-25203-BLKG Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-25203-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-25203-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-25203-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-25203-BLKG Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-25203-BLKG Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-25203-BLKG Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED MGA-25203-BLKG Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED MGA-25203-BLKG Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED MGA-25203-BLKG Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
Application Circuit MGA-25203
1 RF In
2 GND
3 GND
4 BCTRL
GND 12
RF Out 11
GND 10
NC 9
BCTRL
RF In
RF Out
100pF
100pF
BSPLY BSW
Vdd1
100pF
Vdd2
100pF
100pF
0.1uF
100pF
0.1uF
10uF
47uF
10uF
1 RF In
2 GND
3 GND
4 BCTRL
GND 12
RF Out 11
GND 10
NC 9
Using 3.3V or 5V Supply and tying Vcc1, Vcc2, BSPLY and BCTRL
Vbat
Vcc1
Vcc2
BSPLY
R1
R2
BCTRL
3.3V Example :
R2
VBCTRL =
*VBATT
R1 + R2
40K
2.8V
=
*3.3V
R1 + 40K
R1
= 7K
R2
= 40K
Given :
VBCTRL = 2.8V
VBAT
= 3.3V
R2
= 40K
R1
= ?
5.0V Example :
R2
VBCTRL =
*VBATT
R1 + R2
20K
2.0V
=
*5.0V
R1 + 20K
R1
= 30K
R2
= 20K
Given :
VBCTRL = 2.0V
VBAT
= 5.0V
R2
= 20K
R1
= ?
Notes: BCTRL regulates the device current, thus R1 and R2 should have
good tolerance rating. If available, a voltage regulator is the preferred
method of bias.
In this example we set R2 at 40KOhm and solve for R1 with simple
voltage divider equation. Note this method will cause some leakage
current through R2.


Similar Part No. - MGA-25203-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-25203 BOARDCOM-MGA-25203 Datasheet
594Kb / 15P
   4.9-5.9GHz 3x3mm WiFi Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-25203 AVAGO-MGA-25203_15 Datasheet
594Kb / 15P
   4.9-5.9GHz 3x3mm WiFi Power Amplifier
More results

Similar Description - MGA-25203-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-2XX03 BOARDCOM-DEMO-MGA-2XX03 Datasheet
206Kb / 16P
   2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
MGA-22003 BOARDCOM-MGA-22003 Datasheet
206Kb / 16P
   2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-22003 AVAGO-MGA-22003 Datasheet
206Kb / 16P
   2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
MGA-22003 AVAGO-MGA-22003_15 Datasheet
206Kb / 16P
   2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
MGA-23003 AVAGO-MGA-23003 Datasheet
223Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifi er (3x3mm)
MGA-22103 AVAGO-MGA-22103 Datasheet
252Kb / 14P
   2.5-2.7 GHz WiMAX Power Amplifi er Module
logo
Broadcom Corporation.
MGA-22103 BOARDCOM-MGA-22103 Datasheet
252Kb / 14P
   2.5-2.7 GHz WiMAX Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5008-TR1 AVAGO-ACPM-5008-TR1 Datasheet
312Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
MGA-23003 BOARDCOM-MGA-23003 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier (3x3mm)
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5208 AVAGO-ACPM-5208 Datasheet
321Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com