Electronic Components Datasheet Search |
|
TAJC106K035HNJV Datasheet(PDF) 8 Page - AVX Corporation |
|
TAJC106K035HNJV Datasheet(HTML) 8 Page - AVX Corporation |
8 / 8 page 13 TAJ Automotive Range Standard Tantalum - Automotive Product Range RATINGS & PART NUMBER REFERENCE Moinsture Sensitivity Level (MSL) is defined according to J-STD-020 *Please use "U" instead of "T" in the suffix letter for 13'' reel packaging Please use specific PN for automotive version – see “HOW TO ORDER”. All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. For typical weight and composition see page 126. NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. Rated DCL DF ESR AVX Case Cap Voltage (μA) % Max. (Ω) MSL Part No.* Size (μF) (V) Max. Max. @100kHz TAJD226*025TNJ D 22 25 5.5 6 0.9 3 TAJD336*025TNJ D 33 25 8.3 6 0.9 3 TAJD476*025TNJ D 47 25 11.8 6 0.9 3 TAJE476*025TNJ E 47 25 11.8 6 0.9 3 35 Volt @ 85ºC (23 Volt @ 125ºC) TAJA334*035TNJ A 0.33 35 0.5 4 15 1 TAJA474*035TNJ A 0.47 35 0.5 4 12 1 TAJA684*035TNJ A 0.68 35 0.5 4 8 1 TAJA105*035TNJ A 1 35 0.5 4 7.5 1 TAJB105*035TNJ B 1 35 0.5 4 6.5 1 TAJA155*035TNJ A 1.5 35 0.5 6 7.5 1 TAJB155*035TNJ B 1.5 35 0.5 6 5.2 1 TAJB225*035TNJ B 2.2 35 0.8 6 4.2 1 TAJC225*035TNJ C 2.2 35 0.8 6 3.5 1 TAJB335*035TNJ B 3.3 35 1.2 6 3.5 1 TAJC335*035TNJ C 3.3 35 1.2 6 2.5 1 TAJB475*035TNJ B 4.7 35 1.6 6 3.1 1 TAJC475*035TNJ C 4.7 35 1.6 6 2.2 1 TAJD475*035TNJ D 4.7 35 1.6 6 1.5 3 TAJC685*035TNJ C 6.8 35 2.4 6 1.8 1 TAJD685*035TNJ D 6.8 35 2.4 6 1.3 3 TAJC106*035TNJ C 10 35 3.5 6 1.6 1 TAJD106*035TNJ D 10 35 3.5 6 1 3 TAJD156*035TNJ D 15 35 5.3 6 0.9 3 TAJD226*035TNJ D 22 35 7.7 6 0.9 3 TAJE226*035TNJ E 22 35 7.7 6 0.5 3 TAJE336*035TNJ E 33 35 11.6 6 0.9 3 50 Volt @ 85ºC (33 Volt @ 125ºC) TAJA224*050TNJ A 0.22 50 0.5 4 18 1 TAJA334*050TNJ A 0.33 50 0.5 4 17 1 TAJA474*050TNJ A 0.47 50 0.5 4 9.5 1 TAJB474*050TNJ B 0.47 50 0.7 4 9.5 1 TAJB684*050TNJ B 0.68 50 0.5 4 8 1 TAJB105*050TNJ B 1 50 0.5 6 7 1 TAJC105*050TNJ C 1 50 0.5 4 5.5 1 TAJC155*050TNJ C 1.5 50 0.8 6 4.5 1 TAJC225*050TNJ C 2.2 50 1.1 8 2.5 1 TAJD225*050TNJ D 2.2 50 1.1 6 2.5 3 TAJC335*050TNJ C 3.3 50 1.6 6 2.5 1 TAJD335*050TNJ D 3.3 50 1.7 6 2 3 TAJC475*050TNJ C 4.7 50 0.5 4 1.4 1 TAJD475*050TNJ D 4.7 50 2.4 6 1.4 3 TAJD685*050TNJ D 6.8 50 3.4 6 1 3 TAJD106*050TNJ D 10 50 5 6 0.8 3 TAJE106*050TNJ E 10 50 5 6 1 3 |
Similar Part No. - TAJC106K035HNJV |
|
Similar Description - TAJC106K035HNJV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |