Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC4049 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MM74HC4049
Description  Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC4049 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74HC4049 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC4049 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC4049 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC4049 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC4049 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC4049 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
Package Number M16A
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
Package Number M16D


Similar Part No. - MM74HC4049

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4040 FAIRCHILD-MM74HC4040 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
MM74HC4040M FAIRCHILD-MM74HC4040M Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
MM74HC4040MTC FAIRCHILD-MM74HC4040MTC Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
MM74HC4040N FAIRCHILD-MM74HC4040N Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
MM74HC4040SJ FAIRCHILD-MM74HC4040SJ Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
More results

Similar Description - MM74HC4049

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC4049D MOTOROLA-MC74HC4049D Datasheet
181Kb / 6P
   Hex Buffers/Logic-Level Down Converters
logo
STMicroelectronics
HCF4049UB STMICROELECTRONICS-HCF4049UB Datasheet
119Kb / 9P
   HEX BUFFER/CONVERTER (INVERTING)
HCF4009UB STMICROELECTRONICS-HCF4009UB_02 Datasheet
134Kb / 8P
   HEX BUFFER/CONVERTER (INVERTING)
logo
List of Unclassifed Man...
54HC4050 ETC-54HC4050 Datasheet
121Kb / 8P
   CMOS Logic Hex Non-Inverting Buffers
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
logo
Toshiba Semiconductor
TC50H000P TOSHIBA-TC50H000P Datasheet
174Kb / 3P
   HEX BUFFER/CONVERTER INVERTING TYPE
logo
STMicroelectronics
HCF4050B STMICROELECTRONICS-HCF4050B Datasheet
172Kb / 9P
   HEX BUFFER/CONVERTER (NON INVERTING)
HCF4010B STMICROELECTRONICS-HCF4010B_01 Datasheet
56Kb / 8P
   HEX BUFFER/CONVERTER (NON INVERTING)
HCF4010B STMICROELECTRONICS-HCF4010B Datasheet
467Kb / 10P
   HEX BUFFER/CONVERTER (NON INVERTING)
logo
SparkFun Electronics
PRT-14765 SPARKFUN-PRT-14765 Datasheet
251Kb / 2P
   SparkFun Logic Level Converter - Single Supply
8??3??8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com