Electronic Components Datasheet Search |
|
ECHU1H821MB5 Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
ECHU1H821MB5 Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 2 page Film Chip Capacitor Type: ECHU (B) Stacked metallized PPS film as dielectric with simple mold-less construction ■Features Small in size (minimum size 2.0✕1.25mm) 85˚C, 85%RH, W.V. ✕ 1.0 for 500 hours Applicable for both flow and reflow soldering ■Recommended Applications Time-constant Filtering Oscillation and resonance ■Explanation of Part Numbers 123456789 10 11 12 E C H U Product code Dielectric & construction Rated voltage Capacitance B Cap. Tol. Suffix Suffix 1C 16VDC 1H 50VDC G ±2% J ±5% 58mm 9 12mm Tape width ■Specifications Category temp. range Rated voltage Capacitance range Capacitance tolerance Withstand voltage Dissipation factor Insulation resistance –55 to +125˚C 16VDC, 50VDC 0.0001 to 0.1 µF (E12) ±2%(G), ±5%(J) Between terminals : Rated volt. (VDC)✕175% 1 to 5s < =0.6% (20˚C, 1kHz) 16VDC : > =3000M Ω (20˚C, 10VDC 60s) 50VDC : > =3000M Ω (20˚C, 50VDC 60s) Soldering conditions Flow soldering : 260˚C max. 5sec max. Reflow soldering : 260˚C max. and 30sec max. at more than 230˚C (Temp. at cap. surface) ■Construction Element (stacked) Outer electrode ■Dimensions in mm (not to scale) L ±0.2 ( ±0.3) W ±0.2 0.35 ±0.20 0.35 ±0.20 To be applied only for size code E1 & E2 Size code J1 2.0 1.25 0.8 J2 2.0 1.25 1.0 H1 3.2 1.6 0.8 H2 3.2 1.6 1.0 H3 3.2 1.6 1.4 G1 3.2 2.5 1.0 G2 3.2 2.5 1.4 G3 3.2 2.5 2.0 E1 4.8 3.3 1.4 E2 4.8 3.3 2.0 LW H |
Similar Part No. - ECHU1H821MB5 |
|
Similar Description - ECHU1H821MB5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |