Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUEE2E151 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEUEE2E151
Description  Aluminum Electrolytic Capacitors/ EE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUEE2E151 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEUEE2E151 Datasheet HTML 1Page - Panasonic Semiconductor EEUEE2E151 Datasheet HTML 2Page - Panasonic Semiconductor EEUEE2E151 Datasheet HTML 3Page - Panasonic Semiconductor EEUEE2E151 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ EE
– EEE-94 –
Case size/Impedance/Ripple current
Cap.
(µF)
160 V
200 V
Case size
(
φD L)
Ripple current
(mA r.m.s.) 105 °C
Case size
(
φD L)
Ripple current
(mA r.m.s.) 105 °C
120 Hz
100 kHz
120 Hz
100 kHz
22
10
20
245
700
10
20
300
850
33
10
20
280
810
10
20
320
920
47
10
20
370
1065
12.5
20
385
1100
68
12.5
20
470
1350
12.5
25
16
20S
465
465
1330
1330
82
12.5
25
520
1480
16
20S
510
1460
100
12.5
25
16
20S
660
680
1660
1700
16
25
18
20S
690
670
1730
1665
150
16
25
18
20S
755
730
1890
1820
16
25
740
1860
220
16
31.5
18
25S
910
780
2280
1950
18
31.5
1175
2600
330
18
31.5
1040
2600
18
40
1250
3120
Cap.
(µF)
250 V
350 V
Case size
(
φD L)
Ripple current
(mA r.m.s.) 105 °C
Case size
(
φD L)
Ripple current
(mA r.m.s.) 105 °C
120 Hz
100 kHz
120 Hz
100 kHz
15
10
20
170
480
22
10
20
275
785
12.5
20
230
660
33
12.5
20
350
995
12.5
25
16
20S
275
315
790
900
47
12.5
25
16
20S
450
490
1290
1400
16
25
18
20S
375
375
1070
1070
68
16
20S
490
1400
16
31.5
18
25S
535
465
1530
1330
82
16
25
18
20S
590
590
1680
1680
18
25S
535
1530
100
16
31.5
18
25S
840
840
2100
2100
18
31.5
640
1600
150
18
31.5
1010
2520
220
18
40
1175
2940
Cap.
(µF)
400 V
450 V
Case size
(
φD L)
Ripple current
(mA r.m.s.) 105 °C
Case size
(
φD L)
Ripple current
(mA r.m.s.) 105 °C
120 Hz
100 kHz
120 Hz
100 kHz
10
10
20
150
430
10
20U
12.5
20
115
170
330
490
15
12.5
20
205
590
12.5
25
270
780
22
12.5
25
16
20S
265
300
760
860
16
20S
330
945
33
16
20S
355
1020
16
25
18
20S
350
350
1000
1000
47
16
25
18
20S
410
410
1180
1180
16
31.5
18
25S
420
420
1200
1200
56
18
31.5
480
1380
68
18
25
515
1470
18
40
630
1800
82
18
31.5
575
1645
100
18
40
825
2060
00 Nov. 2012


Similar Part No. - EEUEE2E151

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUEE2E151 PANASONIC-EEUEE2E151 Datasheet
223Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEUEE2E151 PANASONIC-EEUEE2E151 Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors EE
EEUEE2E151 PANASONIC-EEUEE2E151 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEUEE2E151 PANASONIC-EEUEE2E151 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
logo
Panasonic Battery Group
EEUEE2E151 PANASONICBATTERY-EEUEE2E151 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
More results

Similar Description - EEUEE2E151

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-EE2W220S PANASONIC-EEU-EE2W220S Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors EE
EEU-EE2G470S PANASONIC-EEU-EE2G470S Datasheet
101Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2D330 PANASONIC-EEU-EE2D330 Datasheet
101Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2W560 PANASONIC-EEU-EE2W560 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2W150 PANASONIC-EEU-EE2W150 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2D470 PANASONIC-EEU-EE2D470 Datasheet
223Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2W470S PANASONIC-EEU-EE2W470S Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
logo
Panasonic Battery Group
EEU-EE2E101S PANASONICBATTERY-EEU-EE2E101S Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com