Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUEE2V220 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEUEE2V220
Description  Aluminum Electrolytic Capacitors/ EE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUEE2V220 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEUEE2V220 Datasheet HTML 1Page - Panasonic Semiconductor EEUEE2V220 Datasheet HTML 2Page - Panasonic Semiconductor EEUEE2V220 Datasheet HTML 3Page - Panasonic Semiconductor EEUEE2V220 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ EE
– EEE-95 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+105 °C)
tan
δ
(120 Hz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
(hours)
(mm)(mm)(mm)
(pcs)
(pcs)
160
22
10
20
700
0.15
8000
0.6
5.0
5.0
EEUEE2C220( )
200
500
33
10
20
810
0.15
8000
0.6
5.0
5.0
EEUEE2C330( )
200
500
47
10
20
1065
0.15
8000
0.6
5.0
5.0
EEUEE2C470( )
200
500
68
12.5
20
1350
0.15
10000
0.6
5.0
5.0
EEUEE2C680( )
200
500
82
12.5
25
1480
0.15
10000
0.6
5.0
5.0
EEUEE2C820( )
200
500
100
12.5
25
1660
0.15
10000
0.6
5.0
5.0
EEUEE2C101( )
200
500
16
20
1700
0.15
10000
0.8
7.5
7.5
EEUEE2C101S( )
100
250
150
16
25
1890
0.15
10000
0.8
7.5
7.5
EEUEE2C151( )
100
250
18
20
1820
0.15
10000
0.8
7.5
7.5
EEUEE2C151S( )
100
250
220
16
31.5
2280
0.15
10000
0.8
7.5
EEUEE2C221
100
18
25
1950
0.15
10000
0.8
7.5
7.5
EEUEE2C221S( )
100
250
3301831.526000.1510000
0.8
7.5
EEUEE2C331
50
200
22
10
20
850
0.15
8000
0.6
5.0
5.0
EEUEE2D220( )
200
500
33
10
20
920
0.15
8000
0.6
5.0
5.0
EEUEE2D330( )
200
500
47
12.5
20
1100
0.15
10000
0.6
5.0
5.0
EEUEE2D470( )
200
500
68
12.5
25
1330
0.15
10000
0.6
5.0
5.0
EEUEE2D680( )
200
500
16
20
1330
0.15
10000
0.8
7.5
7.5
EEUEE2D680S( )
100
250
82
16
20
1460
0.15
10000
0.8
7.5
7.5
EEUEE2D820S( )
100
250
100
16
25
1730
0.15
10000
0.8
7.5
7.5
EEUEE2D101( )
100
250
18
20
1665
0.15
10000
0.8
7.5
7.5
EEUEE2D101S( )
100
250
150162518600.1510000
0.8
7.5
7.5
EEUEE2D151( )
100
250
2201831.526000.1510000
0.8
7.5
EEUEE2D221
100
330184031200.1510000
0.8
7.5
EEUEE2D331
50
250
22
10
20
785
0.15
8000
0.6
5.0
5.0
EEUEE2E220( )
200
500
33
12.5
20
9950.1510000
0.6
5.0
5.0
EEUEE2E330( )
200
500
47
12.5
25
1290
0.15
10000
0.6
5.0
5.0
EEUEE2E470( )
200
500
16
20
1400
0.15
10000
0.8
7.5
7.5
EEUEE2E470S( )
100
250
68
16
20
1400
0.15
10000
0.8
7.5
7.5
EEUEE2E680S( )
100
250
82
16
25
1680
0.15
10000
0.8
7.5
7.5
EEUEE2E820( )
100
250
18
20
1680
0.15
10000
0.8
7.5
7.5
EEUEE2E820S( )
100
250
100
16
31.5
2100
0.15
10000
0.8
7.5
EEUEE2E101
100
18
25
2100
0.15
10000
0.8
7.5
7.5
EEUEE2E101S( )
100
250
1501831.525200.1510000
0.8
7.5
EEUEE2E151
50
220184029400.1510000
0.8
7.5
EEUEE2E221
50
350
15
10
20
480
0.20
8000
0.6
5.0
5.0
EEUEE2V150( )
200
500
22
12.5
20
6600.2010000
0.6
5.0
5.0
EEUEE2V220( )
200
500
33
12.5
25
7900.2010000
0.6
5.0
5.0
EEUEE2V330( )
200
500
16
20
900
0.20
10000
0.8
7.5
7.5
EEUEE2V330S( )
100
250
47
16
25
1070
0.20
10000
0.8
7.5
7.5
EEUEE2V470( )
100
250
18
20
1070
0.20
10000
0.8
7.5
7.5
EEUEE2V470S( )
100
250
68
16
31.5
1530
0.20
10000
0.8
7.5
EEUEE2V680
100
18
25
1330
0.20
10000
0.8
7.5
7.5
EEUEE2V680S( )
100
250
82
18
25
1530
0.20
10000
0.8
7.5
7.5
EEUEE2V820S( )
100
250
1001831.516000.2010000
0.8
7.5
EEUEE2V101
50
· When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch B=5 mm, 7.5 mm.
· Please refer to the page of “Taping Dimensions”.
Endurance : 105 °C
φ10=8000 h, φ12.5 to φ18=10000 h
00 Nov. 2012


Similar Part No. - EEUEE2V220

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUEE2V220 PANASONIC-EEUEE2V220 Datasheet
223Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEUEE2V220 PANASONIC-EEUEE2V220 Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors EE
EEUEE2V220 PANASONIC-EEUEE2V220 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEUEE2V220 PANASONIC-EEUEE2V220 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEUEE2V220 PANASONIC-EEUEE2V220 Datasheet
101Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
More results

Similar Description - EEUEE2V220

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-EE2W220S PANASONIC-EEU-EE2W220S Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors EE
EEU-EE2G470S PANASONIC-EEU-EE2G470S Datasheet
101Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2D330 PANASONIC-EEU-EE2D330 Datasheet
101Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2W560 PANASONIC-EEU-EE2W560 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2W150 PANASONIC-EEU-EE2W150 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2D470 PANASONIC-EEU-EE2D470 Datasheet
223Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2W470S PANASONIC-EEU-EE2W470S Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
logo
Panasonic Battery Group
EEU-EE2E101S PANASONICBATTERY-EEU-EE2E101S Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com