Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC4050MTC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MM74HC4050MTC
Description  Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC4050MTC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM74HC4050MTC Datasheet HTML 1Page - Fairchild Semiconductor MM74HC4050MTC Datasheet HTML 2Page - Fairchild Semiconductor MM74HC4050MTC Datasheet HTML 3Page - Fairchild Semiconductor MM74HC4050MTC Datasheet HTML 4Page - Fairchild Semiconductor MM74HC4050MTC Datasheet HTML 5Page - Fairchild Semiconductor MM74HC4050MTC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
VCC = 5V, TA = 25°C, CL = 15 pF, tr = tf = 6 ns
AC Electrical Characteristics
VCC = 2.0V to 6.0V, CL = 50 pF, tr = tf = 6 ns (unless otherwise specified)
Note 5: CPD determines the no load dynamic power consumption, PD = CPD VCC
2 f
+ I
CC VCC, and the no load dynamic current consumption,
IS = CPD VCC f + ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL, tPLH
Maximum Propagation Delay
8
15
ns
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40° to 85°CTA = −55° to 125°C
Units
Typ
Guaranteed Limits
tPHL, tPLH
Maximum Propagation
2.0V
30
85
100
130
ns
Delay
4.5V
10
17
20
26
ns
6.0V
9
15
18
22
ns
tTHL, tTLH
Maximum Output
2.0V
25
75
95
110
ns
Rise and Fall
4.5V
7
15
19
22
ns
Time
6.0V
6
13
16
19
ns
CPD
Power Dissipation
(per gate)
25
pF
Capacitance (Note 5)
CIN
Maximum Input
5
10
10
10
pF
Capacitance


Similar Part No. - MM74HC4050MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
MM74HC4051M FAIRCHILD-MM74HC4051M Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
MM74HC4051MTC FAIRCHILD-MM74HC4051MTC Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
MM74HC4051MTCX FAIRCHILD-MM74HC4051MTCX Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
MM74HC4051MX FAIRCHILD-MM74HC4051MX Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
More results

Similar Description - MM74HC4050MTC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC4049D MOTOROLA-MC74HC4049D Datasheet
181Kb / 6P
   Hex Buffers/Logic-Level Down Converters
logo
STMicroelectronics
HCF4049UB STMICROELECTRONICS-HCF4049UB Datasheet
119Kb / 9P
   HEX BUFFER/CONVERTER (INVERTING)
HCF4009UB STMICROELECTRONICS-HCF4009UB_02 Datasheet
134Kb / 8P
   HEX BUFFER/CONVERTER (INVERTING)
logo
List of Unclassifed Man...
54HC4050 ETC-54HC4050 Datasheet
121Kb / 8P
   CMOS Logic Hex Non-Inverting Buffers
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
logo
Toshiba Semiconductor
TC50H000P TOSHIBA-TC50H000P Datasheet
174Kb / 3P
   HEX BUFFER/CONVERTER INVERTING TYPE
logo
STMicroelectronics
HCF4050B STMICROELECTRONICS-HCF4050B Datasheet
172Kb / 9P
   HEX BUFFER/CONVERTER (NON INVERTING)
HCF4010B STMICROELECTRONICS-HCF4010B_01 Datasheet
56Kb / 8P
   HEX BUFFER/CONVERTER (NON INVERTING)
HCF4010B STMICROELECTRONICS-HCF4010B Datasheet
467Kb / 10P
   HEX BUFFER/CONVERTER (NON INVERTING)
logo
SparkFun Electronics
PRT-14765 SPARKFUN-PRT-14765 Datasheet
251Kb / 2P
   SparkFun Logic Level Converter - Single Supply
8??3??8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com