Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB502M Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # BB502M
Description  Built in Biasing Circuit MOS FET IC UHF RF Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB502M Datasheet(HTML) 5 Page - Renesas Technology Corp

  BB502M_11 Datasheet HTML 1Page - Renesas Technology Corp BB502M_11 Datasheet HTML 2Page - Renesas Technology Corp BB502M_11 Datasheet HTML 3Page - Renesas Technology Corp BB502M_11 Datasheet HTML 4Page - Renesas Technology Corp BB502M_11 Datasheet HTML 5Page - Renesas Technology Corp BB502M_11 Datasheet HTML 6Page - Renesas Technology Corp BB502M_11 Datasheet HTML 7Page - Renesas Technology Corp BB502M_11 Datasheet HTML 8Page - Renesas Technology Corp BB502M_11 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BB502M
Preliminary
R07DS0284EJ0600 Rev.6.00
Page 5 of 10
Mar 28, 2011
200
150
100
50
0
50
100
150
200
0
12
3
4
5
20
16
12
8
4
VG2S = 4 V
VG1 = VDS
20
16
12
8
4
0
12
3
4
5
20
16
12
8
4
0
12
34
5
VDS = 5 V
RG = 120 kΩ
VDS = 5 V
RG = 180 kΩ
Ambient Temperature Ta (
°C)
Maximum Channel Power
Dissipation Curve
Typical Output Characteristics
Drain to Source Voltage VDS (V)
Drain Current vs. Gate1 Voltage
Gate1 Voltage VG1 (V)
Drain Current vs. Gate1 Voltage
Gate1 Voltage VG1 (V)
330
270
180
220
2 V
VG2S = 1 V
4 V
3 V
VG2S = 1 V
3 V
4 V
2 V
20
16
12
8
4
0
1
234
5
VDS = 5 V
RG = 270 kΩ
0
12
3
4
5
30
24
18
12
6
VDS = 5 V
RG = 120 kΩ
f = 1 kHz
Drain Current vs. Gate1 Voltage
Gate1 Voltage VG1 (V)
Gate1 Voltage VG1 (V)
Forward Transfer Admittance
vs. Gate1 Voltage
2 V
VG2S = 1 V
4 V
3 V
4 V
2 V
3 V
VG2S = 1 V


Similar Part No. - BB502M_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BB502MBS-TL-E RENESAS-BB502MBS-TL-E Datasheet
216Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
More results

Similar Description - BB502M_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BB506M RENESAS-BB506M Datasheet
129Kb / 9P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB501C RENESAS-BB501C Datasheet
198Kb / 10P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB506C RENESAS-BB506C Datasheet
111Kb / 9P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502M RENESAS-BB502M Datasheet
216Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB506C RENESAS-BB506C_15 Datasheet
185Kb / 10P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB503M RENESAS-BB503M Datasheet
300Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502C RENESAS-BB502C Datasheet
118Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502C RENESAS-BB502C_11 Datasheet
145Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB101C RENESAS-BB101C Datasheet
273Kb / 8P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB101M RENESAS-BB101M Datasheet
274Kb / 8P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com