Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC4514MTC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MM74HC4514MTC
Description  4-to-16 Line Decoder with Latch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC4514MTC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM74HC4514MTC Datasheet HTML 1Page - Fairchild Semiconductor MM74HC4514MTC Datasheet HTML 2Page - Fairchild Semiconductor MM74HC4514MTC Datasheet HTML 3Page - Fairchild Semiconductor MM74HC4514MTC Datasheet HTML 4Page - Fairchild Semiconductor MM74HC4514MTC Datasheet HTML 5Page - Fairchild Semiconductor MM74HC4514MTC Datasheet HTML 6Page - Fairchild Semiconductor MM74HC4514MTC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: Maximum Ratings are those values beyond which damage to the
device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
Note 3: Power Dissipation temperature derating — plastic “N” package:
12 mW/
°C from 65°C to 85°C.
DC Electrical Characteristics (Note 4)
Note 4: For a power supply of 5V
±10% the worst case output voltages (V
OH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when
designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage cur-
rent (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
Supply Voltage (VCC)
−0.5 to +7.0V
DC Input Voltage (VIN)
−1.5 to V
CC +1.5V
DC Output Voltage (VOUT)
−0.5 to V
CC +0.5V
Clamp Diode Current (IIK, IOK)
±20 mA
DC Output Current, per pin (IOUT)
±25 mA
DC VCC or GND Current, per pin (ICC)
±50 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Dissipation (PD)
(Note 3)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260
°C
Min
Max
Units
Supply Voltage (VCC)2
6
V
DC Input or Output Voltage
0
VCC
V
(VIN, VOUT)
Operating Temperature Range (TA) −40
+85
°C
Input Rise or Fall Times
(tr, tf) VCC = 2.0V
1000
ns
VCC = 4.5V
500
ns
VCC = 6.0V
400
ns
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
2.0V
1.5
1.5
1.5
V
Input Voltage
4.5V
3.15
3.15
3.15
6.0V
4.2
4.2
4.2
VIL
Maximum LOW Level
2.0V
0.5
0.5
0.5
V
Input Voltage
4.5V
1.35
1.35
1.35
6.0V
1.8
1.8
1.8
VOH
Minimum HIGH Level
VIN = VIH or VIL
2.0V
2.0
1.9
1.9
1.9
Output Voltage
|IOUT| ≤ 20 µA
4.5V
4.5
4.4
4.4
4.4
V
6.0V
6.0
5.9
5.9
5.9
VIN = VIH or VIL
|IOUT| ≤ 4.0 mA
4.5V
4.2
3.98
3.84
3.7
V
|IOUT| ≤ 5.2 mA
6.0V
5.7
5.48
5.34
5.2
VOL
Maximum LOW Level
VIN = VIH or VIL
2.0V
0
0.1
0.1
0.1
Output Voltage
|IOUT| ≤ 20 µA
4.5V
0
0.1
0.1
0.1
V
6.0V
0
0.1
0.1
0.1
VIN = VIH or VIL
|IOUT| ≤ 4.0 mA
4.5V
0.2
0.26
0.33
0.4
V
|IOUT| ≤ 5.2 mA
6.0V
0.2
0.26
0.33
0.4
IIN
Maximum Input Current
VIN = VCC or GND
6.0V
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent
VIN = VCC or GND
6.0V
8.0
80
160
µA
Supply Current
IOUT = 0 µA


Similar Part No. - MM74HC4514MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4514MTC FAIRCHILD-MM74HC4514MTC Datasheet
78Kb / 7P
   4-to-16 Line Decoder with Latch
More results

Similar Description - MM74HC4514MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4514 FAIRCHILD-MM74HC4514_03 Datasheet
78Kb / 7P
   4-to-16 Line Decoder with Latch
logo
STMicroelectronics
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
289Kb / 12P
   4 TO 16 LINE DECODER/LATCH
logo
Toshiba Semiconductor
TC74HC4514AP TOSHIBA-TC74HC4514AP_07 Datasheet
325Kb / 8P
   4-to-16 Line Decoder/Latch
TC74HC4514AP TOSHIBA-TC74HC4514AP Datasheet
237Kb / 5P
   4-TO-16 LINE DECODER/LATCH
logo
STMicroelectronics
M74HC4515 STMICROELECTRONICS-M74HC4515 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH (INV.)
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH INV.
logo
Hitachi Semiconductor
HD74HC4514 HITACHI-HD74HC4514 Datasheet
52Kb / 8P
   4-bit Latch/4-to-16-line Decoder
logo
STMicroelectronics
HCC4514B STMICROELECTRONICS-HCC4514B Datasheet
261Kb / 11P
   4-BIT LATCH/4-TO-16 LINE DECODER
logo
Hitachi Semiconductor
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
   4-bit Latch/4-to-16-Line Decoder
HD74HC4515 HITACHI-HD74HC4515 Datasheet
49Kb / 8P
   4-bit Latch/4-to-16-line Decoder
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com