Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC4316N Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # MM74HC4316N
Description  Quad Analog Switch with Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC4316N Datasheet(HTML) 7 Page - Fairchild Semiconductor

  MM74HC4316N Datasheet HTML 1Page - Fairchild Semiconductor MM74HC4316N Datasheet HTML 2Page - Fairchild Semiconductor MM74HC4316N Datasheet HTML 3Page - Fairchild Semiconductor MM74HC4316N Datasheet HTML 4Page - Fairchild Semiconductor MM74HC4316N Datasheet HTML 5Page - Fairchild Semiconductor MM74HC4316N Datasheet HTML 6Page - Fairchild Semiconductor MM74HC4316N Datasheet HTML 7Page - Fairchild Semiconductor MM74HC4316N Datasheet HTML 8Page - Fairchild Semiconductor MM74HC4316N Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
Package Number M16A
16-Lead small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
Package Number M16D


Similar Part No. - MM74HC4316N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC4016 NSC-MM74HC4016 Datasheet
171Kb / 8P
   Quad Analog Switch
MM74HC4016J NSC-MM74HC4016J Datasheet
171Kb / 8P
   Quad Analog Switch
MM74HC4016N NSC-MM74HC4016N Datasheet
171Kb / 8P
   Quad Analog Switch
MM74HC4017 NSC-MM74HC4017 Datasheet
126Kb / 6P
   Decade Counter/Divider with 10 Decoded Outputs
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
More results

Similar Description - MM74HC4316N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC4316 FAIRCHILD-74VHC4316 Datasheet
104Kb / 9P
   Quad Analog Switch with Level Translator
logo
Texas Instruments
CD74HC4316 TI-CD74HC4316 Datasheet
58Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316 Datasheet
362Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_08 Datasheet
550Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI1-CD54HC4316_14 Datasheet
967Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_06 Datasheet
369Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_07 Datasheet
520Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
logo
Fairchild Semiconductor
MM74HC4066 FAIRCHILD-MM74HC4066_05 Datasheet
124Kb / 10P
   Quad Analog Switch
logo
Rohm
BU4066BC ROHM-BU4066BC_14 Datasheet
1Mb / 20P
   Quad-Analog Switch
logo
Fairchild Semiconductor
MM74HC4066 FAIRCHILD-MM74HC4066 Datasheet
122Kb / 10P
   Quad Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com