Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC573 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MM74HC573
Description  3-STATE Octal D-Type Latch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC573 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM74HC573 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC573 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC573 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC573 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC573 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC573 Datasheet HTML 6Page - Fairchild Semiconductor MM74HC573 Datasheet HTML 7Page - Fairchild Semiconductor MM74HC573 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
VCC = 5V, TA = 25°C, tr = tf = 6 ns
AC Electrical Characteristics
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL, tPLH
Maximum Propagation Delay, Data to Q
CL = 45 pF
16
20
ns
tPHL, tPLH
Maximum Propagation Delay, LE to Q
CL = 45 pF
14
22
ns
tPZH, tPZL
Maximum Output Enable Time
RL = 1 kΩ
15
27
ns
CL = 45 pF
tPHZ, tPLZ
Maximum Output Disable Time
RL = 1 kΩ
13
23
ns
CL = 5 pF
tS
Minimum Set Up Time, Data to LE
10
15
ns
tH
Minimum Hold Time, LE to Data
2
5
ns
tW
Minimum Pulse Width, LE or Data
10
16
ns
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
tPHL, tPLH
Maximum Propagation
CL = 50 pF
2.0V
45
110
138
165
ns
Delay Data to Q
CL = 150 pF
2.0V
58
150
188
225
ns
CL = 50 pF
4.5V
17
22
28
33
ns
CL = 150 pF
4.5V
21
30
38
40
ns
CL = 50 pF
6.0V
15
19
24
29
ns
CL = 150 pF
6.0V
19
26
33
39
ns
tPHL, tPLH
Maximum Propagation
CL = 50 pF
2.0V
46
115
138
165
ns
Delay, LE to Q
CL = 150 pF
2.0V
60
155
194
233
ns
CL = 50 pF
4.5V
14
23
29
35
ns
CL = 150 pF
4.5V
21
31
47
47
ns
CL = 50 pF
6.0V
12
20
25
30
ns
CL = 150 pF
6.0V
19
27
34
41
ns
tPZH, tPZL
Maximum Output Enable
RL = 1 kΩ
Time
CL = 50 pF
2.0V
55
140
175
210
ns
CL = 150 pF
2.0V
67
180
225
270
ns
CL = 50 pF
4.5V
15
28
35
42
ns
CL = 150 pF
4.5V
24
36
45
54
ns
CL = 50 pF
6.0V
14
24
30
36
ns
CL = 150 pF
6.0V
22
31
39
47
ns
tPHZ, tPLZ
Maximum Output Disable
RL = 1 kΩ
2.0V
40
125
156
188
ns
Time
CL = 50 pF
4.5V
13
25
31
38
ns
6.0V
12
21
27
32
ns
tS
Minimum Set Up Time
2.0V
30
75
95
110
ns
Data to LE
4.5V
10
15
19
22
ns
6.0V
9
13
16
19
ns
tH
Minimum Hold Time
2.0V
25
31
38
ns
LE to Data
4.5V
5
6
7
ns
6.0V
4
5
6
ns
tW
Minimum Pulse Width LE,
2.0V
30
80
100
120
ns
or Data
4.5V
9
16
20
24
ns
6.0V
8
14
18
20
ns
tTLH, tTHL
Maximum Output Rise
CL = 50 pF
2.0V
25
60
75
90
ns
and Fall Time, Clock
4.5V
7
12
15
18
ns
6.0V
6
10
13
15
ns
CPD
Power Dissipation Capacitance
OC
= V
CC
5pF
(Note 5) (per latch)
OC
= GND
52
pF
CIN
Maximum Input
5
10
10
10
pF
Capacitance


Similar Part No. - MM74HC573

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC573 FAIRCHILD-MM74HC573 Datasheet
103Kb / 8P
   3-STATE Octal D-Type Latch
logo
ON Semiconductor
MM74HC573 ONSEMI-MM74HC573 Datasheet
209Kb / 10P
   3-STATE Octal D-Type Latch
Revised May 2005
logo
Fairchild Semiconductor
MM74HC573MTC FAIRCHILD-MM74HC573MTC Datasheet
103Kb / 8P
   3-STATE Octal D-Type Latch
MM74HC573MTC FAIRCHILD-MM74HC573MTC Datasheet
104Kb / 8P
   3-STATE Octal D-Type Latch
logo
ON Semiconductor
MM74HC573MTC ONSEMI-MM74HC573MTC Datasheet
209Kb / 10P
   3-STATE Octal D-Type Latch
Revised May 2005
More results

Similar Description - MM74HC573

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74VHCT373 KODENSHI-KK74VHCT373 Datasheet
317Kb / 8P
   Octal d-type latch (3-state)
logo
ON Semiconductor
MM74HCT373 ONSEMI-MM74HCT373 Datasheet
230Kb / 12P
   3-STATE Octal D-Type Latch
Revised May 2005
logo
Fairchild Semiconductor
MM74HC373 FAIRCHILD-MM74HC373_05 Datasheet
101Kb / 8P
   3-STATE Octal D-Type Latch
logo
Integral Corp.
IN74VHCT373 INTEGRAL-IN74VHCT373 Datasheet
302Kb / 8P
   Octal d-type latch (3-state)
logo
ON Semiconductor
MM74HC573 ONSEMI-MM74HC573 Datasheet
209Kb / 10P
   3-STATE Octal D-Type Latch
Revised May 2005
logo
Fairchild Semiconductor
MM74HC573WMX FAIRCHILD-MM74HC573WMX Datasheet
104Kb / 8P
   3-STATE Octal D-Type Latch
MM74HC373 FAIRCHILD-MM74HC373 Datasheet
91Kb / 7P
   3-STATE Octal D-Type Latch
logo
IK Semicon Co., Ltd
IN74VHCT373 IKSEMICON-IN74VHCT373 Datasheet
306Kb / 8P
   Octal d-type latch (3-state)
logo
Fairchild Semiconductor
MM74HC573 FAIRCHILD-MM74HC573_05 Datasheet
103Kb / 8P
   3-STATE Octal D-Type Latch
logo
ON Semiconductor
MM74HC373 ONSEMI-MM74HC373 Datasheet
208Kb / 10P
   3-STATE Octal D-Type Latch
Revised May 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com