Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32LG330F64-QFN64 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # EFM32LG330F64-QFN64
Description  High Performance 32-bit processor up to 48 MHz memory Protection Unit
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32LG330F64-QFN64 Datasheet(HTML) 5 Page - Silicon Laboratories

  EFM32LG330F64-QFN64 Datasheet HTML 1Page - Silicon Laboratories EFM32LG330F64-QFN64 Datasheet HTML 2Page - Silicon Laboratories EFM32LG330F64-QFN64 Datasheet HTML 3Page - Silicon Laboratories EFM32LG330F64-QFN64 Datasheet HTML 4Page - Silicon Laboratories EFM32LG330F64-QFN64 Datasheet HTML 5Page - Silicon Laboratories EFM32LG330F64-QFN64 Datasheet HTML 6Page - Silicon Laboratories EFM32LG330F64-QFN64 Datasheet HTML 7Page - Silicon Laboratories EFM32LG330F64-QFN64 Datasheet HTML 8Page - Silicon Laboratories EFM32LG330F64-QFN64 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2013-06-28 - EFM32LG330FXX - d0110_Rev1.10
5
www.energymicro.com
mode plus speeds are supported, allowing transmission rates all the way from 10 kbit/s up to 1 Mbit/s.
Slave arbitration and timeouts are also provided to allow implementation of an SMBus compliant system.
The interface provided to software by the I
2C module, allows both fine-grained control of the transmission
process and close to automatic transfers. Automatic recognition of slave addresses is provided in all
energy modes.
2.1.12 Universal Synchronous/Asynchronous Receiver/Transmitter (US-
ART)
The Universal Synchronous Asynchronous serial Receiver and Transmitter (USART) is a very flexible
serial I/O module. It supports full duplex asynchronous UART communication as well as RS-485, SPI,
MicroWire and 3-wire. It can also interface with ISO7816 SmartCards, IrDA and I2S devices.
2.1.13 Pre-Programmed Serial Bootloader
The bootloader presented in application note AN0003 is pre-programmed in the device at factory. Auto-
baud and destructive write are supported. The autobaud feature, interface and commands are described
further in the application note.
2.1.14 Low Energy Universal Asynchronous Receiver/Transmitter
(LEUART)
The unique LEUART
TM, the Low Energy UART, is a UART that allows two-way UART communication on
a strict power budget. Only a 32.768 kHz clock is needed to allow UART communication up to 9600 baud/
s. The LEUART includes all necessary hardware support to make asynchronous serial communication
possible with minimum of software intervention and energy consumption.
2.1.15 Timer/Counter (TIMER)
The 16-bit general purpose Timer has 3 compare/capture channels for input capture and compare/Pulse-
Width Modulation (PWM) output. TIMER0 also includes a Dead-Time Insertion module suitable for motor
control applications.
2.1.16 Real Time Counter (RTC)
The Real Time Counter (RTC) contains a 24-bit counter and is clocked either by a 32.768 kHz crystal
oscillator, or a 32.768 kHz RC oscillator. In addition to energy modes EM0 and EM1, the RTC is also
available in EM2. This makes it ideal for keeping track of time since the RTC is enabled in EM2 where
most of the device is powered down.
2.1.17 Backup Real Time Counter (BURTC)
The Backup Real Time Counter (BURTC) contains a 32-bit counter and is clocked either by a 32.768 kHz
crystal oscillator, a 32.768 kHz RC oscillator or a 1 kHz ULFRCO. The BURTC is available in all Energy
Modes and it can also run in backup mode, making it operational even if the main power should drain out.
2.1.18 Low Energy Timer (LETIMER)
The unique LETIMER
TM, the Low Energy Timer, is a 16-bit timer that is available in energy mode EM2
in addition to EM1 and EM0. Because of this, it can be used for timing and output generation when most
of the device is powered down, allowing simple tasks to be performed while the power consumption of
the system is kept at an absolute minimum. The LETIMER can be used to output a variety of waveforms
with minimal software intervention. It is also connected to the Real Time Counter (RTC), and can be
configured to start counting on compare matches from the RTC.


Similar Part No. - EFM32LG330F64-QFN64

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32LG330F64G-F-QFN64 SILABS-EFM32LG330F64G-F-QFN64 Datasheet
5Mb / 469P
   EFM32 Leopard Gecko Family
Rev. 2.40
More results

Similar Description - EFM32LG330F64-QFN64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32GG332F512 ETC2-EFM32GG332F512 Datasheet
1Mb / 67P
   High Performance 32-bit processor @ up to 48 MHz
EFM32GG230 ETC2-EFM32GG230 Datasheet
3Mb / 66P
   High Performance 32-bit processor up to 48 MHz
logo
Silicon Laboratories
EFM32GG232 SILABS-EFM32GG232 Datasheet
1Mb / 71P
   High Performance 32-bit processor
logo
Renesas Technology Corp
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
logo
Intel Corporation
376 INTEL-376 Datasheet
1Mb / 95P
   376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
logo
Renesas Technology Corp
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
logo
Motorola, Inc
MC68851 MOTOROLA-MC68851 Datasheet
1Mb / 47P
   32-Bit Paged Memory Management Unit
logo
Renesas Technology Corp
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com