Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC540SJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HC540SJ
Description  Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC540SJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC540SJ Datasheet HTML 1Page - Fairchild Semiconductor MM74HC540SJ Datasheet HTML 2Page - Fairchild Semiconductor MM74HC540SJ Datasheet HTML 3Page - Fairchild Semiconductor MM74HC540SJ Datasheet HTML 4Page - Fairchild Semiconductor MM74HC540SJ Datasheet HTML 5Page - Fairchild Semiconductor MM74HC540SJ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
September 1983
Revised February 1999
© 1999 Fairchild Semiconductor Corporation
DS005341.prf
www.fairchildsemi.com
MM74HC540 • MM74HC541
Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer
General Description
The MM74HC540 and MM74HC541 3-STATE buffers uti-
lize advanced silicon-gate CMOS technology. They pos-
sess high drive current outputs which enable high speed
operation even when driving large bus capacitances.
These circuits achieve speeds comparable to low power
Schottky devices, while retaining the advantage of CMOS
circuitry, i.e., high noise immunity, and low power consump-
tion. Both devices have a fanout of 15 LS-TTL equivalent
inputs.
The
MM74HC540
is
an
inverting
buffer
and
the
MM74HC541 is a non-inverting buffer. The 3-STATE con-
trol gate operates as a two-input NOR such that if either G1
or G2 are HIGH, all eight outputs are in the high-imped-
ance state.
In order to enhance PC board layout, the MM74HC540 and
MM74HC541 offers a pinout having inputs and outputs on
opposite sides of the package. All inputs are protected from
damage due to static discharge by diodes to VCC and
ground.
Features
s Typical propagation delay: 12 ns
s 3-STATE outputs for connection to system buses
s Wide power supply range: 2–6V
s Low quiescent current: 80
µA maximum (74HC Series)
s Output current: 6 mA
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
Pin Assignments for DIP, SOIC, SOP and TSSOP
Top View
MM74HC540
Top View
MM74HC541
Order Number
Package Number
Package Description
MM74HC540WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide
MM74HC540SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC540MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC540N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
MM74HC541WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide
MM74HC541SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC541MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC541N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


Similar Part No. - MM74HC540SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC540SJ FAIRCHILD-MM74HC540SJ Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
logo
ON Semiconductor
MM74HC540SJ ONSEMI-MM74HC540SJ Datasheet
206Kb / 9P
   Inverting Octal 3-STATE Buffer
Revised May 2005
More results

Similar Description - MM74HC540SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
   Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_07 Datasheet
283Kb / 11P
   MM74HCT540, Inverting Octal 3-STATE Buffer MM74HCT541, Octal 3-STATE Buffer
logo
NXP Semiconductors
74ABT540 PHILIPS-74ABT540 Datasheet
111Kb / 10P
   Octal buffer, inverting (3-State)
1998 Jan 16
logo
ON Semiconductor
MM74HCT540 ONSEMI-MM74HCT540 Datasheet
286Kb / 13P
   Inverting Octal 3-STATE Buffer
June 2007 Rev. 1.3
logo
Fairchild Semiconductor
MM74HC240 FAIRCHILD-MM74HC240 Datasheet
89Kb / 8P
   Inverting Octal 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com