Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC589 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MM74HC589
Description  8-Bit Shift Registers with Input Latches and 3-STATE Serial Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC589 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74HC589 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC589 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC589 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC589 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC589 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC589 Datasheet HTML 6Page - Fairchild Semiconductor MM74HC589 Datasheet HTML 7Page - Fairchild Semiconductor MM74HC589 Datasheet HTML 8Page - Fairchild Semiconductor MM74HC589 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
VCC = 5V, TA = 25°C, CL = 15 pF, tr = tf = 6 ns
AC Electrical Characteristics
VCC = 2.0−6V, CL = 50 pF, tr = tf = 6 ns (unless otherwise specified)
Symbol
Parameter
Conditions
Typ
Guaranteed Limit
Units
fMAX
Maximum Operating Frequency for SCK
50
30
MHz
tPHL, tPLH
Maximum Propagation Delay from SCK to QH’
30
ns
tPHL, tPLH
Maximum Propagation Delay from SLOAD to QH’
30
ns
tPHL, tPLH
Maximum Propagation Delay from LCK to QH’
SLOAD
= logic “0”
25
45
ns
tPZH, tPZL
Output Enable Time
RL = 1 kΩ
18
28
ns
tPHZ, tPLZ
Output Disable Time
RL = 1 kΩ, CL = 5 pF
19
25
ns
tS
Minimum Setup Time from RCK to SCK
10
20
ns
tS
Minimum Setup Time from SER to SCK
10
20
ns
tS
Minimum Setup Time from Inputs A thru H to RCK
10
20
ns
tH
Minimum Hold Time
0
5
ns
tW
Minimum Pulse Width SCK, RCK, SLOAD
816
ns
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
fMAX
Maximum Operating
2.0V
6
4.8
4
MHz
Frequency for SCK
4.5V
30
24
20
MHz
6.0V
35
28
24
MHz
tPHL, tPLH Maximum Propagation
2.0V
62
175
220
265
ns
Delay from SCK or
4.5V
20
35
44
53
ns
SLOAD to QH
6.0V
18
30
37
45
ns
tPHL, tPLH Maximum Propagation
2.0V
120
225
280
340
ns
Delay from SCK or
CL = 150 pF
4.5V
31
45
56
68
ns
SLOAD to QH
6.0V
28
38
48
58
ns
tPHL, tPLH Maximum Propagation
2.0V
80
210
265
315
ns
Delay from RCK to QH
4.5V
25
42
53
63
ns
6.0V
21
36
45
54
ns
tPHL, tPLH Maximum Propagation
2.0V
80
210
265
313
ns
Delay RCK to QH
CL = 150 pF
4.5V
25
52
66
77
ns
6.0V
21
44
56
66
ns
tPZH, tPZL Output Enable Time
RL = 1 kΩ
2.0V
70
150
189
224
ns
4.5V
22
30
38
45
ns
6.0V
20
26
32
38
ns
tPHZ, tPLZ Output Disable Time
RL = 1 kΩ
2.0V
70
150
189
224
ns
4.5V
22
30
38
45
ns
6.0V
20
26
32
38
ns
tS
Minimum Setup Time
2.0V
100
125
150
ns
from RCK to SCK
4.5V
20
25
30
ns
6.0V
17
22
25
ns
tS
Minimum Setup Time
2.0V
100
125
150
ns
from SER to SCK
4.5V
20
25
30
ns
6.0V
17
22
25
ns
tS
Minimum Setup Time
2.0V
100
125
150
ns
from Inputs A thru H
4.5V
20
25
30
ns
to RCK
6.0V
17
22
25
ns
tH
Minimum Hold Time
2.0V
−55
5
5
ns
4.5V
0
5
5
5
ns
6.0V
1
5
5
5
ns
tW
Minimum Pulse Width
2.0V
30
80
100
120
ns
SCK, RCK, SLOAD,
4.5V
9
16
20
24
ns
SLOAD
6.0V
8
14
17
20
ns


Similar Part No. - MM74HC589

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC58J NSC-MM74HC58J Datasheet
126Kb / 4P
   Dual AND-OR-Invert Gate / Dual AND-OR Gate
MM74HC58N NSC-MM74HC58N Datasheet
126Kb / 4P
   Dual AND-OR-Invert Gate / Dual AND-OR Gate
More results

Similar Description - MM74HC589

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS589 TI-SN74LS589 Datasheet
214Kb / 5P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH INPUT LATCHES AND 3-STATE OUTPUT
SN54LS597 TI-SN54LS597 Datasheet
345Kb / 10P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH INPUT LATCHES
logo
Fairchild Semiconductor
MM74HC597 FAIRCHILD-MM74HC597_04 Datasheet
91Kb / 8P
   8-Bit Shift Registers with Input Latches
logo
Texas Instruments
SN54LS597 TI1-SN54LS597_15 Datasheet
674Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH INPUT LATCHES
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com