Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC4053M Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MM74HC4053M
Description  8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC4053M Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MM74HC4053M Datasheet HTML 1Page - Fairchild Semiconductor MM74HC4053M Datasheet HTML 2Page - Fairchild Semiconductor MM74HC4053M Datasheet HTML 3Page - Fairchild Semiconductor MM74HC4053M Datasheet HTML 4Page - Fairchild Semiconductor MM74HC4053M Datasheet HTML 5Page - Fairchild Semiconductor MM74HC4053M Datasheet HTML 6Page - Fairchild Semiconductor MM74HC4053M Datasheet HTML 7Page - Fairchild Semiconductor MM74HC4053M Datasheet HTML 8Page - Fairchild Semiconductor MM74HC4053M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 4: For a power supply of 5V
±10% the worst case on resistances (R
ON) occurs for HC at 4.5V. Thus the 4.5V values should be used when designing
with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage current occur
for CMOS at the higher voltage and so the 5.5V values should be used.
Note 5: At supply voltages (VCC–VEE) approaching 2V the analog switch on resistance becomes extremely non-linear. Therefore it is recommended that
these devices be used to transmit digital only when using these supply voltages.
AC Electrical Characteristics
VCC = 2.0V6.0V, VEE = 0V6V, CL = 50 pF (unless otherwise specified)
Symbol
Parameter
Conditions
VEE
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
IIZ
Maximum Switch
VOS = VCC or VEE
GND
6.0V
±0.2
±2.0
±2.0
µA
“OFF” Leakage
HC4051 VIS = VEE or VCC
−6.0V 6.0V
±0.4
±4.0
±4.0
µA
Current (Common Pin)
VINH = VIH
VOS = VCC or VEE
GND
6.0V
±0.1
±1.0
±1.0
µA
HC4052 VIS = VEE or VCC
−6.0V 6.0V
±0.2
±2.0
±2.0
µA
VINH = VIH
VOS = VCC or VEE
GND
6.0V
±0.1
±1.0
±1.0
µA
HC4053 VIS = VEE or VCC
−6.0V 6.0V
±0.1
±1.0
±1.0
µA
VINH = VIH
Symbol
Parameter
Conditions
VEE
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
tPHL, tPLH Maximum Propagation
GND
2.0V
25
60
75
90
ns
Delay Switch In to Out
GND
4.5V
5
12
15
18
ns
−4.5V
4.5V
4
8
12
14
ns
−6.0V
6.0V
3
7
11
13
ns
tPZL, tPZH Maximum Switch Turn
RL = 1 kΩ
GND
2.0V
92
355
435
515
ns
“ON” Delay
GND
4.5V
69
87
103
ns
−4.5V
4.5V
16
46
58
69
ns
−6.0V
6.0V
15
41
51
62
ns
tPHZ, tPLZ Maximum Switch Turn
GND
2.0V
65
290
365
435
ns
“OFF” Delay
GND
4.5V
28
58
73
87
ns
−4.5V
4.5V
18
37
46
56
ns
−6.0V
6.0V
16
32
41
48
ns
fMAX
Minimum Switch
GND
4.5V
30
MHz
Frequency Response
−4.5V
4.5V
35
MHz
20 log (VI/VO) = 3 dB
Control to Switch
RL = 600Ω,VIS = 4 VPP
0V
4.5V
1080
mV
Feedthrough Noise
f
= 1 MHz,
VIS = 8 VPP
−4.5V
4.5V
250
mV
CL = 50 pF
Crosstalk between
RL = 600Ω,VIS = 4 VPP
0V
4.5
−52
dB
any Two Switches
f
= 1 MHz
VIS = 8 VPP
−4.5V
4.5V
−50
dB
Switch OFF Signal
RL = 600Ω,VIS = 4 VPP
0V
4.5V
−42
dB
Feedthrough
f
= 1 MHz,
VIS = 8 VPP
−4.5V
4.5V
−44
dB
Isolation
VCTL = VIL
THD
Sinewave Harmonic
RL = 10 kΩ,VIS = 4 VPP
0V
4.5V
0.013
%
Distortion
CL = 50 pF,
VIS = 8 VPP
−4.5V
4.5V
0.008
%
f
= 1 kHz
CIN
Maximum Control
5
10
10
10
pF
Input Capacitance
CIN
Maximum Switch
Input
15
pF
Input Capacitance
4051 Common
90
4052 Common
45
4053 Common
30
CIN
Maximum Feedthrough
Capacitance
5pF


Similar Part No. - MM74HC4053M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4050 FAIRCHILD-MM74HC4050 Datasheet
69Kb / 6P
   Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter
MM74HC4050M FAIRCHILD-MM74HC4050M Datasheet
69Kb / 6P
   Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter
MM74HC4050MTC FAIRCHILD-MM74HC4050MTC Datasheet
69Kb / 6P
   Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter
MM74HC4050MTCX FAIRCHILD-MM74HC4050MTCX Datasheet
69Kb / 6P
   Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter
MM74HC4050MX FAIRCHILD-MM74HC4050MX Datasheet
69Kb / 6P
   Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter
More results

Similar Description - MM74HC4053M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Toshiba Semiconductor
TC74VHC4051AF TOSHIBA-TC74VHC4051AF_12 Datasheet
263Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
logo
National Semiconductor ...
LF13508 NSC-LF13508 Datasheet
334Kb / 16P
   8-Channel Analog Multiplexer
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com