Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRPB2VWQN-RC Datasheet(PDF) 2 Page - Silicon Laboratories

Part # GRPB2VWQN-RC
Description  Insulator Matecerial:Nylon 9T Contact Material: Brass Plating: Overall Gold Flash
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

GRPB2VWQN-RC Datasheet(HTML) 2 Page - Silicon Laboratories

  GRPB2VWQN-RC Datasheet HTML 1Page - Silicon Laboratories GRPB2VWQN-RC Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
71
www.sullinscorp.com
| 760-744-0125 | toll-free 888-774-3100 | fax 760-744-6081 | info@sullinscorp.com
Sullins Headers
B
.084
[2.14]
.134
[3.40]
.039
[1.00]
.050[1.27]
.016[0.40]
.084
[2.14]
B
PIN 1
.050 [1.27]
A
.039[1.00]
.016[0.40]
.083[2.10]
A
.039
[1.00]
.050[1.27]
.016[0.40]
A
.134
[3.40]
B
SINGLE ROW
DUAL ROW
B
STRAIGHT (SHOWN) & RIGHT ANGLE
SURFACE MOUNT, PIN 1 LEFT,
SINGLE ROW
SURFACE MOUNT, DUAL ROW
PIN 1
2x Ø .030[0.80]
.067
[1.70]
.039
[1.00]
.016[0.40]
A
WITHOUT GUIDE POST, (VWQS)
WITH GUIDE POST, (VWQP)
DIMENSIONS Dimensions in [ ] are in millimeters, all others are in inches.
PART NUMBER CODING
.050”[1.27mm] Contact Centers, Male Header,
Dip Solder/Right Angle/SMT
1 = Single Row
2 = Dual Row
MOUNTING STYLE
N = No Mounting
C = Surface Mount, Pin 1 Left (Single Row Only)
S = Surface Mount without Guide Pins (Dual Row Only)
P = Surface Mount with Guide Posts (Dual Row Only)
TERMINATION TYPE (Opposite Page)
NUMBER OF ROWS
VWV, VWC, MWC, VWT, VWQ
G = Nylon, 9-T
R=Brass
P = Gold Flash Overall
B = .050” [1.27mm]
PLASTIC HOUSING
CONTACT MATERIAL
CONTACT FINISH - RoHS Compliant
CONTACT CENTERS
NUMBER OF POSITIONS
Positions
Available
Termination
2 Thru 50 = VWV, VWC (1 Row)
1 Thru 50 = VWV, MWC (2 Row)
3 Thru 50 = VWT
3 Thru 50 = VWQ
G R P B xx 1 VWV N - RC
RoHS COMPLIANT
Consult Factory For Modifications
Posi-
tions
Number of
Contacts
Single/Dual
DIMENSION
A
DIMENSION
B
DIMENSION
C
Posi-
tions
Number of
Contacts
Single/Dual
DIMENSION
A
DIMENSION
B
DIMENSION
C
Inches
[mm]
Inches
[mm]
Inches
[mm]
Inches
[mm]
Inches
[mm]
Inches
[mm]
01
01/02
.000
0.00
.050
1.27
26
26/52
1.250
31.75
1.300
33.02
1.200
30.48
02
02/04
.050
1.27
.100
2.54
27
27/54
1.300
33.02
1.350
34.29
1.250
31.75
03
03/06
.100
2.54
.150
3.81
.050
1.27
28
28/56
1.350
34.29
1.400
25.56
1.300
33.02
04
04/08
.150
3.81
.200
5.08
.100
2.54
29
29/58
1.400
35.56
1.450
36.83
1.350
34.29
05
05/10
.200
5.08
.250
6.35
.150
3.81
30
30/60
1.450
36.83
1.500
38.10
1.400
35.56
06
06/12
.250
6.35
.300
7.62
.200
5.08
31
31/62
1.500
38.10
1.550
39.37
1.450
36.83
07
07/14
.300
7.62
.350
8.89
.250
6.35
32
32/64
1.550
39.37
1.600
40.64
1.500
38.10
08
08/16
.350
8.89
.400
10.16
.300
7.62
33
33/66
1.600
40.64
1.650
41.91
1.550
39.37
09
09/18
.400
10.16
.450
11.43
.350
8.89
34
34/68
1.650
41.91
1.700
43.18
1.600
40.64
10
10/20
.450
11.43
.500
12.70
.400
10.16
35
35/70
1.700
43.18
1.750
44.45
1.650
41.91
11
11/22
.500
12.70
.550
13.97
.450
11.43
36
36/72
1.750
44.45
1.800
45.72
1.700
43.18
12
12/24
.550
13.97
.600
15.24
.500
12.70
37
37/74
1.800
45.72
1.850
46.99
1.750
44.45
13
13/26
.600
15.24
.650
16.51
.550
13.97
38
38/76
1.850
46.99
1.900
48.26
1.800
45.72
14
14/28
.650
16.51
.700
17.78
.600
15.24
39
39/78
1.900
48.26
1.950
49.53
1.850
46.99
15
15/30
.700
17.78
.750
19.05
.650
16.51
40
40/80
1.950
49.53
2.000
50.80
1.900
48.26
16
16/32
.750
19.05
.800
20.32
.700
17.78
41
41/82
2.000
50.80
2.050
52.07
1.950
49.53
17
17/34
.800
20.32
.850
21.59
.750
19.05
42
42/84
2.050
52.07
2.100
53.34
2.000
50.80
18
18/36
.850
21.59
.900
22.86
.800
20.32
43
43/86
2.100
53.34
2.150
54.61
2.050
52.07
19
19/38
.900
22.86
.950
24.13
.850
21.59
44
44/88
2.150
54.61
2.200
55.88
2.100
53.34
20
20/40
.950
24.13
1.000
25.40
.900
22.86
45
45/90
2.200
55.88
2.250
57.15
2.150
54.61
21
21/42
1.000
25.40
1.050
26.67
.950
24.13
46
46/92
2.250
57.15
2.300
58.42
2.200
55.88
22
22/44
1.050
26.67
1.100
27.94
1.000
25.40
47
47/94
2.300
58.42
2.350
59.69
2.250
57.15
23
23/46
1.100
27.94
1.150
29.21
1.050
26.67
48
48/96
2.350
59.69
2.400
60.96
2.300
58.42
24
24/48
1.150
29.21
1.200
30.48
1.100
27.94
49
49/98
2.400
60.96
2.450
62.23
2.350
59.69
25
25/50
1.200
30.48
1.250
31.75
1.150
29.21
50
50/100
2.450
62.23
2.500
63.50
2.400
60.96


Similar Part No. - GRPB2VWQN-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GRPB21VWCC-RC ETC2-GRPB21VWCC-RC Datasheet
467Kb / 2P
   .050” [1.27 mm] Contact Centers, Male Headers, Straight/Right Angle/SMT
GRPB21VWCD-RC ETC2-GRPB21VWCD-RC Datasheet
467Kb / 2P
   .050” [1.27 mm] Contact Centers, Male Headers, Straight/Right Angle/SMT
GRPB21VWCN-RC ETC2-GRPB21VWCN-RC Datasheet
467Kb / 2P
   .050” [1.27 mm] Contact Centers, Male Headers, Straight/Right Angle/SMT
GRPB21VWCP-RC ETC2-GRPB21VWCP-RC Datasheet
467Kb / 2P
   .050” [1.27 mm] Contact Centers, Male Headers, Straight/Right Angle/SMT
GRPB21VWCS-RC ETC2-GRPB21VWCS-RC Datasheet
467Kb / 2P
   .050” [1.27 mm] Contact Centers, Male Headers, Straight/Right Angle/SMT
More results

Similar Description - GRPB2VWQN-RC

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T970048 E-SWITCH-T970048 Datasheet
272Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T980025 E-SWITCH-T980025 Datasheet
175Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T960106 E-SWITCH-T960106 Datasheet
151Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T960107 E-SWITCH-T960107 Datasheet
151Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970035 E-SWITCH-T970035 Datasheet
176Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970043 E-SWITCH-T970043 Datasheet
179Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T980021 E-SWITCH-T980021 Datasheet
176Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T960105 E-SWITCH-T960105 Datasheet
151Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970039 E-SWITCH-T970039 Datasheet
178Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970040 E-SWITCH-T970040 Datasheet
176Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com