Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1C60A08 Datasheet(PDF) 2 Page - Epson Company

Part # S1C60A08
Description  4-bit Single Chip Microcomputer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C60A08 Datasheet(HTML) 2 Page - Epson Company

  S1C60A08 Datasheet HTML 1Page - Epson Company S1C60A08 Datasheet HTML 2Page - Epson Company S1C60A08 Datasheet HTML 3Page - Epson Company S1C60A08 Datasheet HTML 4Page - Epson Company S1C60A08 Datasheet HTML 5Page - Epson Company S1C60A08 Datasheet HTML 6Page - Epson Company S1C60A08 Datasheet HTML 7Page - Epson Company S1C60A08 Datasheet HTML 8Page - Epson Company S1C60A08 Datasheet HTML 9Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
S1C60N08/60R08
q Event counter .................................. Two 8-bit inputs (dial input evaluation or independent)
q Sound generator ............................. Programmable in 8 sounds (8 frequencies)
Digital envelope built-in (
∗1)
q Analog comparator.......................... Inverted input
× 1, non-inverted input × 1
q Battery low detection circuit (BLD) .. Dual system (programmable in 8 values and a fixed value)
2.4 V, 2.2–2.55 V
...S1C60N08/60A08/60R08
1.2 V, 1.05–1.4 V
...S1C60L08
q External interrupt ............................ Input interrupt:
3 systems
q Internal interrupt .............................. Time base counter interrupt:
2 systems
Serial interface interrupt:
1 system
q Supply voltage ................................ 3.0 V (1.8–3.5 V)
...S1C60N08/60A08/60R08
1.5 V (0.9–1.7 V)
...S1C60L08
q Current consumption ...................... S1C60N08
Halt state: 1.0 µA when CLK = 32.768 kHz (Typ.)
Run state: 2.2 µA when CLK = 32.768 kHz (Typ.)
S1C60L08
Halt state: 1.0 µA when CLK = 32.768 kHz (Typ.)
Run state: 2.2 µA when CLK = 32.768 kHz (Typ.)
S1C60A08
Halt state: 1.1 µA when CLK = 32.768 kHz (Typ.)
Run state: 3.0 µA when CLK = 32.768 kHz (Typ.)
Run state: 50 µA when CLK = 500 kHz (Typ.)
S1C60R08
Halt state: 1.0 µA when CLK = 32.768 kHz (Typ.)...Target for S1C60N08
1.1 µA when CLK = 32.768 kHz (Typ.)...Target for S1C60A08
Run state: 6.5 µA when CLK = 32.768 kHz (Typ.)...Target for S1C60N08
7.5 µA when CLK = 32.768 kHz (Typ.)...Target for S1C60A08
Run state: 115 µA when CLK = 500 kHz (Typ.)...Target for S1C60A08 only
q Package .......................................... QFP5-100pin, QFP15-100pin (plastic) or chip
∗1: Can be selected with mask option


Similar Part No. - S1C60A08

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C60A16 EPSON-S1C60A16 Datasheet
116Kb / 3P
   4-bit Single Chip Microcomputer
More results

Similar Description - S1C60A08

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com