Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC4053 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HC4053
Description  8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC4053 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC4053 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC4053 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC4053 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC4053 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC4053 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC4053 Datasheet HTML 6Page - Fairchild Semiconductor MM74HC4053 Datasheet HTML 7Page - Fairchild Semiconductor MM74HC4053 Datasheet HTML 8Page - Fairchild Semiconductor MM74HC4053 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
August 1984
Revised May 1999
© 1999 Fairchild Semiconductor Corporation
DS005353.prf
www.fairchildsemi.com
MM74HC4051 • MM74HC4052 • MM74HC4053
8-Channel Analog Multiplexer •
Dual 4-Channel Analog Multiplexer •
Triple 2-Channel Analog Multiplexer
General Description
The MM74HC4051, MM74HC4052 and MM74HC4053
multiplexers are digitally controlled analog switches imple-
mented in advanced silicon-gate CMOS technology. These
switches have low “on” resistance and low “off” leakages.
They are bidirectional switches, thus any analog input may
be used as an output and vice-versa. Also these switches
contain linearization circuitry which lowers the on resis-
tance and increases switch linearity. These devices allow
control of up to
±6V (peak) analog signals with digital con-
trol signals of 0 to 6V. Three supply pins are provided for
VCC, ground, and VEE. This enables the connection of 0–
5V logic signals when VCC = 5V and an analog input range
of
±5V when V
EE = 5V. All three devices also have an
inhibit control which when HIGH will disable all switches to
their off state. All analog inputs and outputs and digital
inputs are protected from electrostatic damage by diodes
to VCC and ground.
MM74HC4051: This device connects together the outputs
of 8 switches, thus achieving an 8 channel Multiplexer. The
binary code placed on the A, B, and C select lines deter-
mines which one of the eight switches is “on”, and con-
nects one of the eight inputs to the common output.
MM74HC4052: This device connects together the outputs
of 4 switches in two sets, thus achieving a pair of 4-channel
multiplexers. The binary code placed on the A, and B
select lines determine which switch in each 4 channel sec-
tion is “on”, connecting one of the four inputs in each sec-
tion to its common output. This enables the implementation
of a 4-channel differential multiplexer.
MM74HC4053: This device contains 6 switches whose out-
puts are connected together in pairs, thus implementing a
triple 2 channel multiplexer, or the equivalent of 3 single-
pole-double throw configurations. Each of the A, B, or C
select lines independently controls one pair of switches,
selecting one of the two switches to be “on”.
Features
s Wide analog input voltage range:
±6V
s Low “on” resistance:
50 typ. (VCC–VEE = 4.5V)
30 typ. (VCC–VEE = 9V)
s Logic level translation to enable 5V logic with
±5V ana-
log signals
s Low quiescent current: 80
µA maximum (74HC)
s Matched Switch characteristic
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package Number
Package Description
MM74HC4051M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
MM74HC4051WM
M16B
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide
MM74HC4051SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC4051MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC4051N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-0010.300” Wide
MM74HC4052M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
MM74HC4052WM
M16B
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide
MM74HC4052SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC4052MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC4052N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-0010.300” Wide
MM74HC4053M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
MM74HC4053WM
M16B
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide
MM74HC4053SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC4053MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC4053N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-0010.300” Wide


Similar Part No. - MM74HC4053

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4050 FAIRCHILD-MM74HC4050 Datasheet
69Kb / 6P
   Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter
MM74HC4050M FAIRCHILD-MM74HC4050M Datasheet
69Kb / 6P
   Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter
MM74HC4050MTC FAIRCHILD-MM74HC4050MTC Datasheet
69Kb / 6P
   Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter
MM74HC4050MTCX FAIRCHILD-MM74HC4050MTCX Datasheet
69Kb / 6P
   Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter
MM74HC4050MX FAIRCHILD-MM74HC4050MX Datasheet
69Kb / 6P
   Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter
More results

Similar Description - MM74HC4053

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Toshiba Semiconductor
TC74VHC4051AF TOSHIBA-TC74VHC4051AF_12 Datasheet
263Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
logo
National Semiconductor ...
LF13508 NSC-LF13508 Datasheet
334Kb / 16P
   8-Channel Analog Multiplexer
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com