Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC595MTC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MM74HC595MTC
Description  8-Bit Shift Registers with Output Latches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC595MTC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74HC595MTC Datasheet HTML 1Page - Fairchild Semiconductor MM74HC595MTC Datasheet HTML 2Page - Fairchild Semiconductor MM74HC595MTC Datasheet HTML 3Page - Fairchild Semiconductor MM74HC595MTC Datasheet HTML 4Page - Fairchild Semiconductor MM74HC595MTC Datasheet HTML 5Page - Fairchild Semiconductor MM74HC595MTC Datasheet HTML 6Page - Fairchild Semiconductor MM74HC595MTC Datasheet HTML 7Page - Fairchild Semiconductor MM74HC595MTC Datasheet HTML 8Page - Fairchild Semiconductor MM74HC595MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
VCC = 5V, TA = 25°C, tr = tf = 6 ns
Note 5: This setup time ensures the register will see stable data from the shift-register outputs. The clocks may be connected together in which case the stor-
age register state will be one clock pulse behind the shift register.
AC Electrical Characteristics
VCC = 2.06.0V, CL = 50 pF, tr = tf = 6 ns (unless otherwise specified)
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
fMAX
Maximum Operating
50
30
MHz
Frequency of SCK
tPHL, tPLH
Maximum Propagation
CL = 45 pF
12
20
ns
Delay, SCK to QH’
tPHL, tPLH
Maximum Propagation
CL = 45 pF
18
30
ns
Delay, RCK to QA thru QH
tPZH, tPZL
Maximum Output Enable
RL = 1 kΩ
Time from G to QA thru QH
CL = 45 pF
17
28
ns
tPHZ, tPLZ
Maximum Output Disable
RL = kΩ
15
25
ns
Time from G to QA thru QH
CL = 5 pF
tS
Minimum Setup Time
20
ns
from SER to SCK
tS
Minimum Setup Time
20
ns
from SCLR to SCK
tS
Minimum Setup Time
40
ns
from SCK to RCK
(Note 5)
tH
Minimum Hold Time
0ns
from SER to SCK
tW
Minimum Pulse Width
16
ns
of SCK or RCK
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
fMAX
Maximum Operating
CL = 50 pF
2.0V
10
6
4.8
4.0
MHz
Frequency
4.5V
45
30
24
20
MHz
6.0V
50
35
28
24
MHz
tPHL, tPLH Maximum Propagation
CL = 50 pF
2.0V
58
210
265
315
ns
Delay from SCK to QH
CL = 150 pF
2.0V
83
294
367
441
ns
CL = 50 pF
4.5V
14
42
53
63
ns
CL = 150 pF
4.5V
17
58
74
88
ns
CL = 50 pF
6.0V
10
36
45
54
ns
CL = 150 pF
6.0V
14
50
63
76
ns
tPHL, tPLH Maximum Propagation
CL = 50 pF
2.0V
70
175
220
265
ns
Delay from RCK to QA thru QH CL = 150 pF
2.0V
105
245
306
368
ns
CL = 50 pF
4.5V
21
35
44
53
ns
CL = 150 pF
4.5V
28
49
61
74
ns
CL = 50 pF
6.0V
18
30
37
45
ns
CL = 150 pF
6.0V
26
42
53
63
ns
tPHL, tPLH Maximum Propagation
2.0V
175
221
261
ns
Delay from SCLR to QH
4.5V
35
44
52
ns
6.0V
30
37
44
ns


Similar Part No. - MM74HC595MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC595MTC FAIRCHILD-MM74HC595MTC Datasheet
121Kb / 10P
   8-Bit Shift Registers with Output Latches
logo
ON Semiconductor
MM74HC595MTC ONSEMI-MM74HC595MTC Datasheet
662Kb / 16P
   8-Bit Shift Register with Output Latches
June 2009 Rev. 1.0.2
MM74HC595MTCX ONSEMI-MM74HC595MTCX Datasheet
662Kb / 16P
   8-Bit Shift Register with Output Latches
June 2009 Rev. 1.0.2
More results

Similar Description - MM74HC595MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC595 FAIRCHILD-MM74HC595_04 Datasheet
121Kb / 10P
   8-Bit Shift Registers with Output Latches
logo
Texas Instruments
SN54LS594 TI-SN54LS594 Datasheet
165Kb / 5P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
logo
National Semiconductor ...
MM54HC595 NSC-MM54HC595 Datasheet
186Kb / 8P
   8-Bit Shift Registers with Output Latches
logo
Texas Instruments
SN54LS595 TI-SN54LS595_07 Datasheet
1Mb / 24P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
SN54LS595 TI-SN54LS595 Datasheet
248Kb / 15P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
SN54LS594 TI1-SN54LS594_09 Datasheet
396Kb / 7P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
logo
Tiger Electronic Co.,Lt...
74HC595D TGS-74HC595D Datasheet
219Kb / 9P
   8-Bit Shift Registers with Output Latches
logo
Texas Instruments
SN54LS597 TI-SN54LS597 Datasheet
345Kb / 10P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH INPUT LATCHES
logo
Fairchild Semiconductor
MM74HC597 FAIRCHILD-MM74HC597_04 Datasheet
91Kb / 8P
   8-Bit Shift Registers with Input Latches
logo
Texas Instruments
SN54LS597 TI1-SN54LS597_15 Datasheet
674Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH INPUT LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com