Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1C60L08 Datasheet(PDF) 5 Page - Epson Company

Part # S1C60L08
Description  4-bit Single Chip Microcomputer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C60L08 Datasheet(HTML) 5 Page - Epson Company

  S1C60L08 Datasheet HTML 1Page - Epson Company S1C60L08 Datasheet HTML 2Page - Epson Company S1C60L08 Datasheet HTML 3Page - Epson Company S1C60L08 Datasheet HTML 4Page - Epson Company S1C60L08 Datasheet HTML 5Page - Epson Company S1C60L08 Datasheet HTML 6Page - Epson Company S1C60L08 Datasheet HTML 7Page - Epson Company S1C60L08 Datasheet HTML 8Page - Epson Company S1C60L08 Datasheet HTML 9Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
S1C60N08/60R08
q S1C60N08/60L08/60A08 Pin Description
Pin name
VDD
VSS
VS1
VL1
VL2
VL3
CA, CB
OSC1
OSC2
OSC3
OSC4
K00–K03
K10
K20–K23
P00–P03
P10–P13
R00–R03
R10
R13
R11
R12
SIN
SOUT
SCLK
AMPP
AMPM
SEG0–47
COM0–3
RESET
TEST
Pin No.
Function
Power supply pin (+)
Power supply pin (-)
Oscillation and internal logic system voltage output pin
LCD drive voltage output pin (approx. -1.05 V or 1/2·VL2)
LCD drive voltage output pin (2·VL1 or approx. -2.10 V)
LCD drive voltage output pin (3·VL1 or 3/2·VL2)
Boost capacitor connecting pin
Cryctal oscillation input pin
Crystal oscillation output pin
CR or ceramic oscillation input pin ∗ (N.C. for S1C60N08 and S1C60L08)
CR or ceramic oscillation output pin ∗ (N.C. for S1C60N08 and S1C60L08)
Input port pin
Input port pin
Input port pin
I/O port pin
I/O port pin
Output port pin
Output port pin or BZ output pin ∗
Output port pin or BZ output pin ∗
Output port pin or SIOF output pin ∗
Output port pin or FOUT output pin ∗
Serial interface data input pin
Serial interface data output pin
Serial interface clock input/output pin
Analog comparator non-inverted input pin
Analog comparator inverted input pin
LCD segment output pin
or DC output pin ∗
LCD common output pin (1/2, 1/3 or 1/4 duty are selectable ∗)
Initial reset input pin
Input pin for test
QFP5-100
92
85
89
95
94
93
96, 97
91
90
88
87
62–59
58
57–54
70–67
76–73
80–77
83
84
82
81
63
64
66
52
53
51–28, 26–3
2, 1, 100, 99
86
27
QFP15-100
90
83
87
93
92
91
94, 95
89
88
86
85
61–58
57
56–53
70–67
74–71
78–75
81
82
80
79
62
63
65
51
52
50–39, 37–26,
24–1
100–97
84
25
I/O
(I)
(I)
I
O
I
O
I
I
I
I/O
I/O
O
O
O
O
O
I
O
I/O
I
I
O
O
I
I
∗ Can be selected by mask option


Similar Part No. - S1C60L08

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C60L05 EPSON-S1C60L05 Datasheet
145Kb / 12P
   4-bit Single Chip Microcomputer
More results

Similar Description - S1C60L08

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com