Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTJ1VR682 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ERTJ1VR682
Description  Multilayer NTC Thermistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERTJ1VR682 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ERTJ1VR682 Datasheet HTML 1Page - Panasonic Semiconductor ERTJ1VR682 Datasheet HTML 2Page - Panasonic Semiconductor ERTJ1VR682 Datasheet HTML 3Page - Panasonic Semiconductor ERTJ1VR682 Datasheet HTML 4Page - Panasonic Semiconductor ERTJ1VR682 Datasheet HTML 5Page - Panasonic Semiconductor ERTJ1VR682 Datasheet HTML 6Page - Panasonic Semiconductor ERTJ1VR682 Datasheet HTML 7Page - Panasonic Semiconductor ERTJ1VR682 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer NTC Thermistors
– 367 –
Part Number List of Narrow Tolerance Type (Resistance Tolerance : ±2 %, ±1 %)
● 0201(EIA)
Nominal
Resistance
at 25 °C
Resistance
Tolerance
B value class code
G
P
S
V
Nominal B value
✽() Reference value
B25/50
B25/85
(3375 K)
3435 K±1 %
4050 K±1 %
(4100 K)
4330 K±1 %
(4390 K)
4700 K±1 %
(4750 K)
10 k
±1 %(F)
or
±2 %(G)
ERTJ0EG103 A
47 k
ERTJ0EP473
100 k
ERTJ0ES104
ERTJ0EV104
: Resistance Tolerance Code
Avoid flow soldering.
● 0603(EIA)
Nominal
Resistance
at 25 °C
Resistance
Tolerance
B value class code
G
S
Nominal B value
✽() Reference value
B25/50
B25/85
(3375 K)
3435 K±1 %
(4330 K)
4390 K±1 %
10 k
±1 %(F)
or
±2 %(G)
ERTJ1VG103 A
100 k
ERTJ1VS104 A
: Resistance Tolerance Code
Avoid flow soldering.
Specification and Test Method
Item
Specification
Test Method
Temperature
Cycling
Nallow Tol. type Standard type
R25 change
:
within ±2 %
within ±3 %
B Value change :
within ±1 %
within ±2 %
Conditions of one cycle
Step 1 : –40 °C, 30±3 min
Step 2 : Room temp., 3 min max.
Step 3 : 125 °C, 30±3 min.
Step 4 : Room temp., 3 min max.
Number of cycles: 100 cycles
Moisture
Resistance
Nallow Tol. type Standard type
R25 change
:
within ±2 %
within ±3 %
B Value change :
within ±1 %
within ±2 %
Temperature : 85 ±2 °C
Relative humidity : 85 ±5 %
Test period : 1000 +48/0 h
Damp Heat Load
Nallow Tol. type Standard type
R25 change
:
within ±2 %
within ±3 %
B Value change :
within ±1 %
within ±2 %
Temperature : 85 ±2 °C
Relative humidity : 85 ±5 %
Applied power : 10 mW
Test period : 500 +24/0 h
Cold Resistance
Nallow Tol. type Standard type
R25 change
:
within ±2 %
within ±3 %
B Value change :
within ±1 %
within ±2 %
Temperature : –40 ±3 °C
Test period : 1000 +48/0 h
Dry Heat
Resistance
Nallow Tol. type Standard type
R25 change
:
within ±2 %
within ±3 %
B Value change :
within ±1 %
within ±2 %
Temperature : 125 ±3 °C
Test period : 1000 +48/0 h
Nominal
Resistance
at 25 °C
Resistance
Tolerance
B value class code
G
P
V
Nominal B value
✽() Reference value
B25/50
B25/85
(3375 K)
3435 K±1 %
4050 K±1 %
(4100 K)
4700 K±1 %
(4750 K)
10 k
±1 %(F)
or
±2 %(G)
ERTJZEG103 A
47 k
ERTJZEP473
100 k
ERTJZEV104
: Resistance Tolerance Code
Avoid flow soldering.
● 0402(EIA)
Sep. 2010
00


Similar Part No. - ERTJ1VR682

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERTJ1VR103FA PANASONIC-ERTJ1VR103FA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERTJ1VR103GA PANASONIC-ERTJ1VR103GA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERTJ1VR103HA PANASONIC-ERTJ1VR103HA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERTJ1VR103JA PANASONIC-ERTJ1VR103JA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
More results

Similar Description - ERTJ1VR682

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERT-J0EG103FA PANASONIC-ERT-J0EG103FA Datasheet
185Kb / 9P
   Multilayer NTC Thermistors
ERT-J1VR682J PANASONIC-ERT-J1VR682J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J0EV474J PANASONIC-ERT-J0EV474J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J1VG103FA PANASONIC-ERT-J1VG103FA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J0EP473F PANASONIC-ERT-J0EP473F Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J1VV104J PANASONIC-ERT-J1VV104J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J0ER103J PANASONIC-ERT-J0ER103J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J1VR472J PANASONIC-ERT-J1VR472J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com