Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTJ1VR333 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ERTJ1VR333
Description  Multilayer NTC Thermistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERTJ1VR333 Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ERTJ1VR333 Datasheet HTML 1Page - Panasonic Semiconductor ERTJ1VR333 Datasheet HTML 2Page - Panasonic Semiconductor ERTJ1VR333 Datasheet HTML 3Page - Panasonic Semiconductor ERTJ1VR333 Datasheet HTML 4Page - Panasonic Semiconductor ERTJ1VR333 Datasheet HTML 5Page - Panasonic Semiconductor ERTJ1VR333 Datasheet HTML 6Page - Panasonic Semiconductor ERTJ1VR333 Datasheet HTML 7Page - Panasonic Semiconductor ERTJ1VR333 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer NTC Thermistors
– 368 –
Part Number List of Standard Type (Resistance Tolerance : ±5 %, ±3 %)
● 0201(EIA)
Nominal
Resistance
at 25 °C
Resistance
Tolerance
B value class code
G
P
T
V
Nominal B value
✽() Reference value
B25/50
B25/85
(3375 K)
3435 K±2 %
4050 K±3 %
(4100 K)
4500 K±2 %
(4450 K)
4700 K±2 %
(4750 K)
2.0 k
±3 %(H)
or
±5 %(J)
ERTJZET202
3.0 k
ERTJZET302
4.7 k
ERTJZET472
10 k
ERTJZEG103 A
47 k
ERTJZEP473
100 k
ERTJZEV104
: Resistance Tolerance Code
Avoid flow soldering.
● 0402(EIA)
: Resistance Tolerance Code
Avoid flow soldering.
Nominal
Resistance
at 25 °C
Resistance
Tolerance
B value class code
A
Nominal B value
✽() Reference value
B25/50
B25/85
2750 K±3 %
(2700 K)
2800 K±3 %
(2750 K)
22
±3 %(H)
or
±5 %(J)
ERTJ0EA220
33
ERTJ0EA330
40
ERTJ0EA400
47
ERTJ0EA470
68
ERTJ0EA680
100
ERTJ0EA101
150
ERTJ0EA151
Nominal
Resistance
at 25 °C
Resistance
Tolerance
B value class code
S
T
V
Nominal B value
✽() Reference value
B25/50
B25/85
4330 K±2 %
(4390 K)
4500 K±2 %
(4450 K, 4580 K)
4700 K±2 %
(4750 K)
1.0 k
±3 %(H)
or
±5 %(J)
ERTJ0ET102
1.5 k
ERTJ0ET152
2.0 k
ERTJ0ET202
2.2 k
ERTJ0ET222
3.0 k
ERTJ0ET302
3.3 k
ERTJ0ET332
4.7 k
ERTJ0ET472
47 k
ERTJ0EV473
68 k
ERTJ0EV683
100 k
ERTJ0ES104
ERTJ0ET104
ERTJ0EV104
150 k
ERTJ0ET154
ERTJ0EV154
220 k
ERTJ0EV224
330 k
ERTJ0EV334
470 k
ERTJ0EV474
Nominal
Resistance
at 25 °C
Resistance
Tolerance
B value class code
G
M
P
R
Nominal B value
✽() Reference value
B25/50
B25/85
(3375 K)
3435 K±1 %
3900 K±2 %
(3970 K)
4050 K±2 %
(4100 K)
4250 K±2 %
(4300 K)
3.3 k
±3 %(H)
or
±5 %(J)
ERTJ0ER332
4.7 k
ERTJ0ER472
6.8 k
ERTJ0ER682
10 k
ERTJ0EG103 AERTJ0EM103
ERTJ0ER103
15 k
ERTJ0ER153
22 k
ERTJ0ER223
33 k
ERTJ0EP333
ERTJ0ER333
47 k
ERTJ0EP473
100 k
ERTJ0EP104
Sep. 2010
00


Similar Part No. - ERTJ1VR333

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERTJ1VR103FA PANASONIC-ERTJ1VR103FA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERTJ1VR103GA PANASONIC-ERTJ1VR103GA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERTJ1VR103HA PANASONIC-ERTJ1VR103HA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERTJ1VR103JA PANASONIC-ERTJ1VR103JA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
More results

Similar Description - ERTJ1VR333

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERT-J0EG103FA PANASONIC-ERT-J0EG103FA Datasheet
185Kb / 9P
   Multilayer NTC Thermistors
ERT-J1VR682J PANASONIC-ERT-J1VR682J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J0EV474J PANASONIC-ERT-J0EV474J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J1VG103FA PANASONIC-ERT-J1VG103FA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J0EP473F PANASONIC-ERT-J0EP473F Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J1VV104J PANASONIC-ERT-J1VV104J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J0ER103J PANASONIC-ERT-J0ER103J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J1VR472J PANASONIC-ERT-J1VR472J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com