Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSM850 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # GSM850
Description  Single 8x8 mm package CMOS process technology Intergrated GSM/GPRS transceiver including
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

GSM850 Datasheet(HTML) 4 Page - Silicon Laboratories

  GSM850 Datasheet HTML 1Page - Silicon Laboratories GSM850 Datasheet HTML 2Page - Silicon Laboratories GSM850 Datasheet HTML 3Page - Silicon Laboratories GSM850 Datasheet HTML 4Page - Silicon Laboratories GSM850 Datasheet HTML 5Page - Silicon Laboratories GSM850 Datasheet HTML 6Page - Silicon Laboratories GSM850 Datasheet HTML 7Page - Silicon Laboratories GSM850 Datasheet HTML 8Page - Silicon Laboratories GSM850 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Aero I
4
Rev. 1.0
Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Ambient Temperature
TA
–20
2585°C
DC Supply Voltage
VDD
2.7
2.85
3.0
V
Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at 2.85 V and an operating temperature of 25 °C unless otherwise stated. Parameters are tested in
production unless otherwise stated.
Table 2. Absolute Maximum Ratings1,2
Parameter
Symbol
Value
Unit
DC Supply Voltage
VDD
–0.5 to 3.3
V
Input Current3
IIN
±10
mA
Input Voltage3
VIN
–0.3 to (VDD + 0.3)
V
Operating Temperature Range
TOP
–40 to 95
°C
Storage Temperature Range
TSTG
–55 to 150
°C
RF Input Level4
10
dBm
Notes:
1. Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. The Si4205 device is high-performance RF integrated circuit with an ESD rating of < 2 kV. Handling and
assembly of this device should only be done at ESD-protected workstations.
3. For signals SCLK, SDI, SEN, PDN, XEN, and XIN.
4. At SAW filter output for all bands.


Similar Part No. - GSM850

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GSM850 ETC1-GSM850 Datasheet
253Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS PCS
logo
Eudyna Devices Inc
GSM850 EUDYNA-GSM850 Datasheet
176Kb / 5P
   Quad-band Antenna Switch Module
logo
Panasonic Semiconductor
GSM850 PANASONIC-GSM850 Datasheet
187Kb / 7P
   2.0x1.4mm, 5pin-layout 50-50ohms unbalance-unbalance CIRCUIT COMPONENTS BUSINESS UNIT
logo
TDK Electronics
GSM850 TDK-GSM850 Datasheet
52Kb / 3P
   Multilayer Low Pass Filters
logo
Pulse A Technitrol Comp...
GSM850 PULSE-GSM850 Datasheet
5Mb / 19P
   Ceramic Quad Band Monopole Antenna
More results

Similar Description - GSM850

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3587 PHILIPS-UAA3587 Datasheet
50Kb / 2P
   Complete, single-package GSM/GPRS/EDGE RF transceiver
September 2004
logo
Broadcom Corporation.
BCM2121 BOARDCOM-BCM2121 Datasheet
131Kb / 2P
   GPRS/GSM SINGLE CHIP BASEBAND PROCESSOR
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com