Electronic Components Datasheet Search
Selected language     English  ▼


E-GSM900 Datasheet(PDF) 1 Page - Silicon Laboratories

Part No. E-GSM900
Description  Single 8x8 mm package CMOS process technology Intergrated GSM/GPRS transceiver including
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILABS [Silicon Laboratories]
Homepage  http://www.silabs.com
Logo 

 
 1 page
background image
Rev. 1.0 12/03
Copyright © 2003 by Silicon Laboratories
Aero I
Aero I
AERO
™ I TRANSCEIVER
FOR
GSM AND GPRS WIRELESS COMMUNICATIONS
Features
Applications
Description
The Aero I transceiver is a complete RF front end for multi-band GSM
and GPRS wireless communications. The transmit section interfaces
between the baseband processor and the power amplifier. The receive
section interfaces between the RF band-select SAW filters and the
baseband processor. All sensitive components, such as RF/IF VCOs,
loop filters, and tuning inductors, are completely integrated into a single
compact package.
Functional Block Diagram
Single 8 x 8 mm package
CMOS process technology
Integrated GSM/GPRS
transceiver including:
Low-IF receiver
Universal baseband interface
Offset-PLL transmitter
Dual RF synthesizer
Integrated VCOs, frequency
synthesizers, and tuning inductors
Quad-band support:
GSM 850 Class 4, small MS
E-GSM 900 Class 4, small MS
DCS 1800 Class 1
PCS 1900 Class 1
GPRS Class 12 compliant
3-wire serial interface
2.7 V to 3.0 V operation
Multi-band GSM/GPRS digital cellular handsets
Multi-band GSM/GPRS wireless data modems
PGA
PGA
LNA
LNA
LNA
IF
PLL
RF
PLL
GSM
DCS
PCS
GSM
DCS
PCS
0 / 90
DET
DAC
DAC
PGA
PGA
100 kHz
Si4205
I
Q
I
Q
PA
PA
AFC
VC-TCXO
13 or 26 MHz
XIN
XOUT
ADC
ADC
Patents pending
Pin Assignments
(Top View)
Si4205-BM
(For pin description see page 33)
Ordering Information:
See page 34.
GND
1
2
3
22
23
24
25
26
27
28
RXQN
RXIP
TXQN
RXIN
TXIP
TXQP
TXIN
RFIPN
RFIDP
GND
RFIPP
RFIDN
RFIGP
RFIGN
15
16
17
18
19
20
21
8
9
10
11
12
13
14
4
5
6
7
GND
GND
GND
GND
32
31
30
29




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl