Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-30316-TR2G Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-30316-TR2G
Description  3.3 -3.9GHz Watt High Linearity Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-30316-TR2G Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-30316-TR2G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-30316-TR2G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-30316-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-30316-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-30316-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-30316-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-30316-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-30316-TR2G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-30316-TR2G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MGA-30316
3.3 -3.9GHz
½ Watt High Linearity Amplifier
Data Sheet
Description
Avago Technologies’ MGA-30316 is a high linearity ½ Watt
PA with good OIP3 performance and exceptionally good
PAE at p1dB gain compression point, achieved through
the use of Avago Technologies’ proprietary 0.25um GaAs
Enhancement-mode pHEMT process.
The device required simple matching components to
achieve wide bandwidth performance since it has a built
in input prematch.
The adjustable temperature compensated internal bias
circuit allowed the device to be operated at either class A
or class AB operation
The MGA-30316 is housed inside a standard 16 pin QFN
3X3 package.
Applications
 Class A driver amplifier for WiMAX Base Stations.
 General purpose gain block.
Component Image
Notes:
Package marking provides orientation and identification
“30316” = Device Part Number
“YYWW” = Year and Work Week of manufacture
“XXXX” = Last 4 digit of Lot number
Features
 High linearity and P1dB
 Unconditionally Stable across load condition
 Built in adjustable temperature compensated internal
bias circuitry
 With prematch - required simple matching
 GaAs E-pHEMT Technology [1]
 Standard QFN 3X3 package
 5V supply
 Excellent uniformity in product specifications
 Tape-and-Reel packaging option available
 MSL-1 and Lead-free
 High MTTF for base station application
Specifications
3.5GHz; 5V, 198mA (typ)
 12.8 dB Gain
 44.4 dBm Output IP3
 28.5 dBm Output Power at 1dB gain compression
 51.3% PAE at P1dB
 2.7 dB Noise Figure
Notes:
1. Enhancement mode technology employs positive gate voltage,
thereby eliminating the need of negative gate voltage associated
with conventional depletion mode devices.
1 Vm
2 Vbias
3 RF in
4 NC
NC 12
VDD/RFout 11
VDD/RFout 10
NC 9
30316
YYWW
XXXX
TOP VIEW
BOTTOM VIEW
GND
16 pins QFN 3x3
Attention: Observe precautions for
handling electrostatic sensitive devices.
ESD Machine Model = 70 V
ESD Human Body Model = 250 V
Refer to Avago Application Note A004R:
Electrostatic Discharge, Damage and Control.


Similar Part No. - MGA-30316-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30316 AVAGO-MGA-30316 Datasheet
1,006Kb / 11P
   3.3GHz 3.9GHz 2 Watt High Linearity Amplifier
logo
Broadcom Corporation.
MGA-30316 BOARDCOM-MGA-30316 Datasheet
218Kb / 12P
   3.3 -3.9GHz 쩍 Watt High Linearity Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30316 AVAGO-MGA-30316_15 Datasheet
218Kb / 12P
   0.5Watt High Linearity Amplifi er
More results

Similar Description - MGA-30316-TR2G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-30316 BOARDCOM-MGA-30316 Datasheet
218Kb / 12P
   3.3 -3.9GHz 쩍 Watt High Linearity Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32320 AVAGO-ALM-32320 Datasheet
1,006Kb / 11P
   3.3GHz 3.9GHz 2 Watt High Linearity Amplifier
logo
Broadcom Corporation.
ALM-32320 BOARDCOM-ALM-32320 Datasheet
698Kb / 11P
   3.3GHz ??3.9GHz 2 Watt High Linearity Amplifier
ALM-31322 BOARDCOM-ALM-31322 Datasheet
344Kb / 12P
   3.3 - 3.9 GHz 1-Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32120 AVAGO-ALM-32120_14 Datasheet
741Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32220 AVAGO-ALM-32220_14 Datasheet
719Kb / 11P
   2 Watt High Linearity Amplifier
ALM-31222 AVAGO-ALM-31222_14 Datasheet
363Kb / 13P
   1-Watt High Linearity Amplifier
logo
Broadcom Corporation.
DEMO-ALM-31X22 BOARDCOM-DEMO-ALM-31X22 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9106 TRIQUINT-TQP7M9106_15 Datasheet
504Kb / 8P
   2 Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32320 AVAGO-ALM-32320_12 Datasheet
830Kb / 11P
   2 Watt High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com