Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-30689-TR1G Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-30689-TR1G
Description  40MHz - 3000MHz Flat Gain High Linearity Gain Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-30689-TR1G Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-30689-TR1G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-30689-TR1G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-30689-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-30689-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-30689-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-30689-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-30689-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-30689-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-30689-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
1.6 1.8 2.0
Frequency (GHz)
0.0
0.2
0.4 0.6 0.8
1.0 1.2 1.4
1.6 1.8 2.0
Frequency (GHz)
0.0
0.2 0.4
0.6 0.8
1.0
1.2 1.4 1.6 1.8 2.0
Frequency (GHz)
80
90
100
110
120
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
Temperature (°C)
12
12.5
13
13.5
14
14.5
15
15.5
16
85°C
25°C
-40°C
85°C
25°C
-40°C
30
32
34
36
38
40
42
44
46
48
16
17
18
19
20
21
22
23
24
25
85°C
25°C
-40°C
85°C
25°C
-40°C
Typical Performance (40MHz – 2GHz)
TA = +25°C, Vdd = 5V, Input Signal = CW. Application Test Circuit is shown in Figure 30 and Table 1.
Figure 6. Ids over Temperature
Figure 7. Gain over Frequency and Temperature
Figure 8. OIP3 over Frequency and Temperature
Figure 9. P1dB over Frequency and Temperature


Similar Part No. - MGA-30689-TR1G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-30689 BOARDCOM-MGA-30689 Datasheet
733Kb / 16P
   40MHz - 3000MHz v
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30689 AVAGO-MGA-30689_15 Datasheet
733Kb / 16P
   Flat Gain High Linearity Gain Block
More results

Similar Description - MGA-30689-TR1G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-30889 BOARDCOM-MGA-30889 Datasheet
710Kb / 15P
   40MHz - 2600MHz Flat Gain High Linearity Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30889-BLKG AVAGO-MGA-30889-BLKG Datasheet
650Kb / 15P
   Flat Gain High Linearity Gain Block
MGA-30689 AVAGO-MGA-30689_15 Datasheet
733Kb / 16P
   Flat Gain High Linearity Gain Block
MGA-30889 AVAGO-MGA-30889 Datasheet
710Kb / 15P
   Flat Gain High Linearity Gain Block
logo
Broadcom Corporation.
MGA-30789 BOARDCOM-MGA-30789 Datasheet
702Kb / 14P
   High Linearity Gain Block
logo
Qorvo, Inc
TQL9047 QORVO-TQL9047 Datasheet
954Kb / 15P
   High Linearity Gain Block
logo
TriQuint Semiconductor
TQL9047 TRIQUINT-TQL9047_15 Datasheet
599Kb / 13P
   High Linearity Gain Block
logo
Qorvo, Inc
QPA9126 QORVO-QPA9126 Datasheet
1Mb / 12P
   High Linearity Gain Block
June 26, 2019
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30789 AVAGO-MGA-30789_15 Datasheet
702Kb / 14P
   High Linearity Gain Block
logo
Qorvo, Inc
QPA9127 QORVO-QPA9127 Datasheet
1Mb / 11P
   High Linearity Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com