Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8605AD-B-IS Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI8605AD-B-IS
Description  Independent, bidirectional SDA and SCL isolation channels Open drain outputs with 35 mA sink current
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8605AD-B-IS Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI8605AD-B-IS Datasheet HTML 2Page - Silicon Laboratories SI8605AD-B-IS Datasheet HTML 3Page - Silicon Laboratories SI8605AD-B-IS Datasheet HTML 4Page - Silicon Laboratories SI8605AD-B-IS Datasheet HTML 5Page - Silicon Laboratories SI8605AD-B-IS Datasheet HTML 6Page - Silicon Laboratories SI8605AD-B-IS Datasheet HTML 7Page - Silicon Laboratories SI8605AD-B-IS Datasheet HTML 8Page - Silicon Laboratories SI8605AD-B-IS Datasheet HTML 9Page - Silicon Laboratories SI8605AD-B-IS Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
Rev. 1.2
Si860x
Timing Specifications (Measured at 1.40 V Unless Otherwise Specified)
Maximum I2C Bus Frequency
Fmax
1.7
MHz
Propagation Delay
5 V Operation
Side A to Side B Rising4
Side A to Side B Falling4
Side B to Side A Rising
Side B to Side A Falling
3.3 V Operation
Side A to Side B Rising4
Side A to Side B Falling4
Side B to Side A Rising
Side B to Side A Falling
Tphab
Tplab
Tphba
Tplba
Tphab
Tplab
Tphba
Tplba
No bus capacitance,
R1 = 1400,
R2 = 499,
See Figure 2
R1 = 806
R2 = 499
38
15
33
11
44
17
30
14
45
26
46
22
55
29
40
27
ns
ns
ns
ns
ns
ns
ns
ns
Pulse Width Distortion
5V
Side A Low to Side B Low4
Side B Low to Side A Low
3.3 V
Side A Low to Side B Low4
Side B Low to Side A Low
PWDAB
PWDBA
PWDAB
PWDBA
No bus capacitance,
R1 = 1400,
R2 = 499,
See Figure 2
R1 = 806,
R2 = 499
22
21
27
15
32
32
35
25
ns
ns
ns
ns
Table 3. Si8600/02/05/06 Electrical Characteristics for Bidirectional I2C Channels1 (Continued)
3.0 V < VDD < 5.5 V. TA = –40 to +125 °C. Typical specs at 25 °C unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. All voltages are relative to respective ground.
2. VIL < 0.410 V, VIH > 0.540 V.
3. I2C
V (Side A) = I2CV
OL (Side A) – I
2CV
T (Side A). To ensure no latch-up on a given bus, I
2C
V (Side A) is the
minimum difference between the output logic low level of the driving device and the input logic threshold.
4. Side A measured at 0.6 V.


Similar Part No. - SI8605AD-B-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8605AD-B-IS SKYWORKS-SI8605AD-B-IS Datasheet
718Kb / 39P
   Bidirectional I2C Isolators with Unidirectional Digital Channels
December 14, 2021
More results

Similar Description - SI8605AD-B-IS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G07 PHILIPS-74LVC2G07 Datasheet
82Kb / 13P
   Buffers with open-drain outputs
2004 Sep 08
74HC3G07 PHILIPS-74HC3G07 Datasheet
80Kb / 14P
   Buffer with open-drain outputs
2003 Oct 15
74LVC2G06 NXP-74LVC2G06 Datasheet
88Kb / 15P
   Inverters with open-drain outputs
Rev. 03-21 May 2007
logo
Unisonic Technologies
U74LVC2G07 UTC-U74LVC2G07_15 Datasheet
194Kb / 5P
   BUFFERS WITH OPEN-DRAIN OUTPUTS
U74LVC2G06 UTC-U74LVC2G06 Datasheet
173Kb / 5P
   INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74LVC2G06 NEXPERIA-74LVC2G06 Datasheet
256Kb / 17P
   Inverters with open-drain outputs
Rev. 9 - 24 January 2022
logo
NXP Semiconductors
74LVC2G07GM PHILIPS-74LVC2G07GM Datasheet
200Kb / 18P
   Buffers with open-drain outputs
Rev. 7-4 July 2012
logo
Unisonic Technologies
U74LVC2G06 UTC-U74LVC2G06_15 Datasheet
173Kb / 5P
   INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
NXP Semiconductors
74LVC2G07 NXP-74LVC2G07 Datasheet
88Kb / 15P
   Buffers with open-drain outputs
Rev. 04-21 May 2007
logo
Nexperia B.V. All right...
74LVC2G06-Q100 NEXPERIA-74LVC2G06-Q100 Datasheet
779Kb / 13P
   Inverters with open-drain outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com