Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3000-C-FS Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI3000-C-FS
Description  84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4??2 kHz Sample Rates 30 dB Microphone Pre-Amp
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3000-C-FS Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI3000-C-FS Datasheet HTML 6Page - Silicon Laboratories SI3000-C-FS Datasheet HTML 7Page - Silicon Laboratories SI3000-C-FS Datasheet HTML 8Page - Silicon Laboratories SI3000-C-FS Datasheet HTML 9Page - Silicon Laboratories SI3000-C-FS Datasheet HTML 10Page - Silicon Laboratories SI3000-C-FS Datasheet HTML 11Page - Silicon Laboratories SI3000-C-FS Datasheet HTML 12Page - Silicon Laboratories SI3000-C-FS Datasheet HTML 13Page - Silicon Laboratories SI3000-C-FS Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Si3000
10
Rev. 1.4
Figure 3. FIR Receive Filter Response
Figure 4. FIR Receive Filter Passband Ripple
Figure 5. FIR Transmit Filter Response
Figure 6. FIR Transmit Filter Passband Ripple
For Figures 3–6, all filter plots apply to a sample rate of
Fs = 8 kHz. The filters scale with the sample rate as follows:
F(0.1 dB) = 0.4125 Fs
F(– 3 dB) = 0.45 Fs
where Fs is the sample frequency.
Input Frequency - Hz
Input Frequency - Hz
Input Frequency - Hz
Input Frequency - Hz


Similar Part No. - SI3000-C-FS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI3000-C-FS SKYWORKS-SI3000-C-FS Datasheet
1Mb / 34P
   VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Rev. 1.4 August 19, 2021
More results

Similar Description - SI3000-C-FS

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
OBR4600 A-DATA-OBR4600 Datasheet
825Kb / 4P
   70 dB dynamic range
logo
STMicroelectronics
STA333IS STMICROELECTRONICS-STA333IS Datasheet
1Mb / 43P
   100 dB SNR and dynamic range
April 2013 Rev 3
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
   3 dB/step, 30 dB Range
logo
STMicroelectronics
STA339BWS STMICROELECTRONICS-STA339BWS Datasheet
1Mb / 79P
   FFX with 100-dB SNR and dynamic range
September 2014 Rev 8
logo
M/A-COM Technology Solu...
AM-155 MA-COM-AM-155 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier, 12.5 dB Gain, 300 - 1000 MHz
logo
Tyco Electronics
AM-AMC-155 MACOM-AM-AMC-155 Datasheet
223Kb / 3P
   High Dynamic Range Amplifier, 12.5 dB Gain, 300 - 1000 MHz
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
   8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Texas Instruments
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
[Old version datasheet]   8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
[Old version datasheet]   6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
API Technologies Corp
TAD5006 APITECH-TAD5006 Datasheet
194Kb / 1P
   4 Bit Digital Attenuator Attentuation Range: 30 dB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com