Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B62152A0027X030 Datasheet(PDF) 2 Page - EPCOS

Part # B62152A0027X030
Description  Ferrites and accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B62152A0027X030 Datasheet(HTML) 2 Page - EPCOS

  B62152A0027X030 Datasheet HTML 1Page - EPCOS B62152A0027X030 Datasheet HTML 2Page - EPCOS B62152A0027X030 Datasheet HTML 3Page - EPCOS B62152A0027X030 Datasheet HTML 4Page - EPCOS B62152A0027X030 Datasheet HTML 5Page - EPCOS B62152A0027X030 Datasheet HTML 6Page - EPCOS B62152A0027X030 Datasheet HTML 7Page - EPCOS B62152A0027X030 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Primarily used for broadband
transformers up to high frequencies
Application examples
SIFERRIT material N30 for low frequencies
and for pulse applications
SIFERRIT material K1
for matching transformers and baluns
up to about 250 MHz in antenna feeders
or in input circuits of VHF and TV receivers
1) Cores made of NiZn ferrite may exceed the specified dimensions by up to 5%.
2) Magnetic characteristics and AL value are based on winding of center leg.
3) Double-aperture cores are available with parylene coating on request. Ordering code for coated version:
B62152P…
Dimensions1)
Magnetic characteristics
Weight
h
(mm)
b
(mm)
a
(mm)
c
(mm)
d
(mm)
l/A2)
mm –1
le2)
mm
Ae2)
mm2
Ve2)
mm3
g
14.5 – 1.0 14.50 – 1.0 8.5 – 0.5 5.85
0.25 3.4 + 0.60 0.31
15.3
49.7
760
4.0
8.3 – 0.6 14.50 – 1.0 8.5 – 0.5 5.85
0.25 3.4 + 0.60 0.54
15.3
28.4
435
2.5
6.2 – 0.5
7.25 – 0.5 4.2 – 0.4 2.90
0.15 1.7 + 0.30 0.75
7.6
10.2
78
0.4
2.5 – 0.2
3.60 – 0.3 2.1 – 0.3 1.45
0.10 0.8 + 0.15 1.78
3.7
2.1
7.8
0.1
2.0 – 0.2
3.60 – 0.3 2.1 – 0.3 1.45
0.10 0.8 + 0.15 2.20
3.7
1.7
6.3
0.1
1.4 – 0.2
3.60 – 0.3 2.1 – 0.3 1.45
0.10 0.8 + 0.15 3.22
3.7
1.2
4.5
0.05
Dimensions with parylene coating3)
Core
Max. coated h
(mm)
Max. coated b
(mm)
Max. coated a
(mm)
Min. coated d
(mm)
DL 14.5/14.5 /8.5
14.55
14.55
8.55
3.35
DL 8.3/14.5 /8.5
8.35
14.55
8.55
3.35
DL 6.2/ 7.25/4.2
6.25
7.30
4.25
1.65
DL 2.5/ 3.6 /2.1
2.55
3.65
2.15
0.75
DL 2.0/ 3.6 /2.1
2.05
3.65
2.15
0.75
DL 1.4/ 3.6 /2.1
1.45
3.65
2.15
0.75
B62152
Double-aperture cores
Double aperture cores


Similar Part No. - B62152A0027X030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B62152A0027X030 EPCOS-B62152A0027X030 Datasheet
134Kb / 4P
   Ferrites and accessories
logo
TDK Electronics
B62152A0027X030 TDK-B62152A0027X030 Datasheet
158Kb / 8P
   Ferrites and accessories
More results

Similar Description - B62152A0027X030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com