Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA64FIOT Datasheet(PDF) 4 Page - Microchip Technology

Part # 24AA64FIOT
Description  64K I2C Serial EEPROM with Quarter-Array Write-Protect
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA64FIOT Datasheet(HTML) 4 Page - Microchip Technology

  24AA64FIOT Datasheet HTML 1Page - Microchip Technology 24AA64FIOT Datasheet HTML 2Page - Microchip Technology 24AA64FIOT Datasheet HTML 3Page - Microchip Technology 24AA64FIOT Datasheet HTML 4Page - Microchip Technology 24AA64FIOT Datasheet HTML 5Page - Microchip Technology 24AA64FIOT Datasheet HTML 6Page - Microchip Technology 24AA64FIOT Datasheet HTML 7Page - Microchip Technology 24AA64FIOT Datasheet HTML 8Page - Microchip Technology 24AA64FIOT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
24AA64F/24LC64F
DS22154A-page 4
© 2009 Microchip Technology Inc.
FIGURE 1-1:
BUS TIMING DATA
(unprotected)
(protected)
SCL
SDA
IN
SDA
OUT
WP
5
7
6
16
3
2
89
13
D4
4
10
11
12
14


Similar Part No. - 24AA64FIOT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA64F MICROCHIP-24AA64F Datasheet
492Kb / 30P
   64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24AA64F MICROCHIP-24AA64F Datasheet
705Kb / 36P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
11/29/11
24AA64F-E/MNY.OT MICROCHIP-24AA64F-E/MNY.OT Datasheet
492Kb / 30P
   64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24AA64F-E/MS MICROCHIP-24AA64F-E/MS Datasheet
492Kb / 30P
   64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24AA64F-E/P MICROCHIP-24AA64F-E/P Datasheet
492Kb / 30P
   64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
More results

Similar Description - 24AA64FIOT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA64F MICROCHIP-24AA64F_13 Datasheet
705Kb / 36P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
11/29/11
24AA64F MICROCHIP-24AA64F Datasheet
492Kb / 30P
   64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24AA32AF MICROCHIP-24AA32AF Datasheet
501Kb / 30P
   32K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24AA014H MICROCHIP-24AA014H Datasheet
478Kb / 28P
   1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL024H MICROCHIP-24VL024H Datasheet
466Kb / 28P
   2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA02H MICROCHIP-24AA02H Datasheet
534Kb / 30P
   2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA16H MICROCHIP-24AA16H Datasheet
490Kb / 28P
   16K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA01H MICROCHIP-24AA01H Datasheet
533Kb / 30P
   1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL014H MICROCHIP-24VL014H Datasheet
466Kb / 28P
   1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA08H MICROCHIP-24AA08H_13 Datasheet
899Kb / 32P
   8K I2C??Serial EEPROM with Half-Array Write-Protect
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com