Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8431BB-C-IS Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI8431BB-C-IS
Description  High-speed operation DC to 150 Mbps No start-up initialization required
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8431BB-C-IS Datasheet(HTML) 1 Page - Silicon Laboratories

  SI8431BB-C-IS Datasheet HTML 1Page - Silicon Laboratories SI8431BB-C-IS Datasheet HTML 2Page - Silicon Laboratories SI8431BB-C-IS Datasheet HTML 3Page - Silicon Laboratories SI8431BB-C-IS Datasheet HTML 4Page - Silicon Laboratories SI8431BB-C-IS Datasheet HTML 5Page - Silicon Laboratories SI8431BB-C-IS Datasheet HTML 6Page - Silicon Laboratories SI8431BB-C-IS Datasheet HTML 7Page - Silicon Laboratories SI8431BB-C-IS Datasheet HTML 8Page - Silicon Laboratories SI8431BB-C-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Rev. 1.5 3/12
Copyright © 2012 by Silicon Laboratories
Si8430/31/35
Si8430/31/35
L OW-P OWER TRIPLE-C HANNEL D IGITAL I SOLATOR
Features
Applications
Safety Regulatory Approvals
Description
Silicon Lab's family of ultra-low-power digital isolators are CMOS
devices offering substantial data rate, propagation delay, power, size,
reliability, and external BOM advantages when compared to legacy
isolation technologies. The operating parameters of these products
remain stable across wide temperature ranges throughout their
service life, and only VDD bypass capacitors are required.
Data rates up to 150 Mbps are supported, and all devices achieve
worst-case propagation delays of less than 10 ns. All products are
safety certified by UL, CSA, and VDE and support withstand voltages
of up to 2.5 kVRMS. These devices are available in 16-pin wide- and
narrow-body SOIC packages.
High-speed operation

DC to 150 Mbps
No start-up initialization required
Wide Operating Supply Voltage:
2.70–5.5 V
Wide Operating Supply Voltage:
2.70–5.5V
Ultra low power (typical)
5 V Operation:

< 1.6 mA per channel at 1 Mbps

< 6 mA per channel at 100 Mbps
2.70 V Operation:

< 1.4 mA per channel at 1 Mbps

< 4 mA per channel at 100 Mbps
High electromagnetic immunity
Up to 2500 VRMS isolation
60-year life at rated working
voltage
Precise timing (typical)

<10 ns worst case

1.5 ns pulse width distortion

0.5 ns channel-channel skew

2 ns propagation delay skew

6 ns minimum pulse width
Transient Immunity 25 kV/µs
AEC-Q100 qualified
Wide temperature range

–40 to 125 °C at 150 Mbps
RoHS-compliant packages

SOIC-16 wide body

SOIC-16 narrow body
Industrial automation systems
Hybrid electric vehicles
Isolated switch mode supplies
Isolated ADC, DAC
Motor control
Power inverters
Communications systems
UL 1577 recognized

Up to 2500 VRMS for 1 minute
CSA component notice 5A
approval

IEC 60950-1, 61010-1
(reinforced
insulation)
VDE certification conformity

IEC 60747-5-2
(VDE0884 Part 2)
Ordering Information:
See page 27.


Similar Part No. - SI8431BB-C-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI8431BB-C-IS SKYWORKS-SI8431BB-C-IS Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
SI8431BB-C-IS1 SKYWORKS-SI8431BB-C-IS1 Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
More results

Similar Description - SI8431BB-C-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI86XX SILABS-SI86XX Datasheet
1Mb / 52P
   No start-up initialization required
logo
Recom International Pow...
R-78B-2.0 RECOM-R-78B-2.0 Datasheet
401Kb / 5P
   Efficiency Up To 96%, No Heatsinks Required
logo
PHOENIX CONTACT
2702255 PHOENIX-2702255 Datasheet
245Kb / 6P
   Up to 15.3 Mbps in 2-wire operation
logo
Micross Components
HMC128 MICROSS-HMC128 Datasheet
851Kb / 9P
   No DC Bias Required
HMC129 MICROSS-HMC129 Datasheet
820Kb / 9P
   No DC Bias Required
logo
Maxim Integrated Produc...
MAX4410EVKIT MAXIM-MAX4410EVKIT Datasheet
122Kb / 4P
   No DC-Blocking Capacitors Required
Rev. 0; 7/02
logo
UMC Corporation
UM6104 UMC-UM6104 Datasheet
312Kb / 6P
   fully static operation, no clock or refreshing required
logo
B. B. Battery Co., Ltd.
BP35-12F BB-BATTERY-BP35-12F Datasheet
179Kb / 1P
   Maintenance free(no water topping-up required)
BP33-12S BB-BATTERY-BP33-12S Datasheet
164Kb / 1P
   Maintenance free(no water topping-up required)
logo
Hexawave, Inc
HWS540 HW-HWS540 Datasheet
52Kb / 3P
   No external DC blocking capacitors required
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com