Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B658030063A033 Datasheet(PDF) 5 Page - EPCOS

Part # B658030063A033
Description  Ferrites and accessories
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B658030063A033 Datasheet(HTML) 5 Page - EPCOS

  B658030063A033 Datasheet HTML 1Page - EPCOS B658030063A033 Datasheet HTML 2Page - EPCOS B658030063A033 Datasheet HTML 3Page - EPCOS B658030063A033 Datasheet HTML 4Page - EPCOS B658030063A033 Datasheet HTML 5Page - EPCOS B658030063A033 Datasheet HTML 6Page - EPCOS B658030063A033 Datasheet HTML 7Page - EPCOS B658030063A033 Datasheet HTML 8Page - EPCOS B658030063A033 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
06/13
Please read
Cautions and warnings and
Important notes at the end of this document.
Clamp
With ground terminal, made of stainless spring steel (tinned), 0.3 mm thick
Solderability to IEC 60068-2-20, test Ta, method 1 (aging 3): 235
C, 2 s
Also available as strip clamp on reels on request
Insulating washer for double-clad PCBs
Made of polycarbonate (UL 94 V-0, insulation class to IEC 60085: E
120
C), 0.3 mm thick
Makrofol FR7-2, E118859 (M), natural color, BAYER MATERIALSCIENCE AG
Clamp
Insulating washer
Clamping forces for RM 4
Ordering code
Clamp (ordering code per piece, 2 are required)
B65806B2203X000
Insulating washer (bulk)
B65804C2005X000
Fmin: Extension of clamp from a to a2 = Xmin
Fmax: Extension of clamp from a to a1 = Xmax
Clamp opening a (mm)
8.3 +0.15
Core nose Zmax (mm)
0.15
Height of core pair X (mm) Xmin
Xmax
8.75
9.25
Clamping force F (N)
Fmin
Fmax
5
40
B65804, B65806
Accessories
RM 4


Similar Part No. - B658030063A033

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65803 EPCOS-B65803 Datasheet
201Kb / 11P
   Ferrites and accessories
logo
TDK Electronics
B65803+0016A001 TDK-B65803+0016A001 Datasheet
382Kb / 16P
   Ferrites and accessories
B65803+0025A001 TDK-B65803+0025A001 Datasheet
382Kb / 16P
   Ferrites and accessories
B65803+0040A033 TDK-B65803+0040A033 Datasheet
382Kb / 16P
   Ferrites and accessories
B65803+0063A033 TDK-B65803+0063A033 Datasheet
382Kb / 16P
   Ferrites and accessories
More results

Similar Description - B658030063A033

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com