Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3050-E-GT Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI3050-E-GT
Description  PCM highway data interface law A-law companding SPI control interface GCl interface
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3050-E-GT Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI3050-E-GT Datasheet HTML 2Page - Silicon Laboratories SI3050-E-GT Datasheet HTML 3Page - Silicon Laboratories SI3050-E-GT Datasheet HTML 4Page - Silicon Laboratories SI3050-E-GT Datasheet HTML 5Page - Silicon Laboratories SI3050-E-GT Datasheet HTML 6Page - Silicon Laboratories SI3050-E-GT Datasheet HTML 7Page - Silicon Laboratories SI3050-E-GT Datasheet HTML 8Page - Silicon Laboratories SI3050-E-GT Datasheet HTML 9Page - Silicon Laboratories SI3050-E-GT Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 112 page
background image
Si3050 + Si3018/19
6
Rev. 1.31
Figure 1. Test Circuit for Loop Characteristics
Table 2. Loop Characteristics
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C for K-Grade, see Figure 1 on page 6)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
DC Termination Voltage
VTR
IL = 20 mA, ILIM = 0
DCV = 00, MINI = 11, DCR = 0
——
6.0
V
DC Termination Voltage
VTR
IL = 120 mA, ILIM = 0
DCV = 00, MINI = 11, DCR = 0
9—
V
DC Termination Voltage
VTR
IL = 20 mA, ILIM = 0
DCV = 11, MINI = 00, DCR = 0
——
7.5
V
DC Termination Voltage
VTR
IL = 120 mA, ILIM = 0
DCV = 11, MINI = 00, DCR = 0
9—
V
DC Termination Voltage
VTR
IL = 20 mA, ILIM = 1
DCV = 11, MINI = 00, DCR = 0
——
7.5
V
DC Termination Voltage
VTR
IL = 60 mA, ILIM = 1
DCV = 11, MINI = 00, DCR = 0
40
V
DC Termination Voltage
VTR
IL = 50 mA, ILIM = 1
DCV = 11, MINI = 00, DCR = 0
——
40
V
On-Hook Leakage Current
ILK
VTR =–48 V
5
µA
Operating Loop Current
ILP
MINI = 00, ILIM = 0
10
120
mA
Operating Loop Current
ILP
MINI = 00, ILIM = 1
10
60
mA
DC Ring Current
dc current flowing through ring
detection circuitry
—1.5
3
µA
Ring Detect Voltage*
VRD
RT2 = 0, RT = 0
13.5
15
16.5
Vrms
Ring Detect Voltage*
VRD
RT2 = 0, RT = 1
19.35
21.5
23.65
Vrms
Ring Detect Voltage*
VRD
RT2 = 1, RT = 1
40.5
45
49.5
Vrms
Ring Frequency
FR
13
68
Hz
Ringer Equivalence Number
REN
0.2
*Note: The ring signal is guaranteed to not be detected below the minimum. The ring signal is guaranteed to be detected
above the maximum.
TIP
RING
+
Si3018/19 VTR
IL
10
F
600


Similar Part No. - SI3050-E-GT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3050-E-GT SILABS-SI3050-E-GT Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
SI3050-E-GTR SILABS-SI3050-E-GTR Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
More results

Similar Description - SI3050-E-GT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM2911A TI-TCM2911A Datasheet
165Kb / 2P
[Old version datasheet]   PCM A-law codec
TMS320F28379S TI1-TMS320F28379S_16 Datasheet
2Mb / 213P
[Old version datasheet]   Programmable Control Law Accelerator
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
ams AG
AS3693C-9 AMSCO-AS3693C-9 Datasheet
1Mb / 30P
   SPI interface
logo
Device Engineering Inco...
DEI1090 DEIAZ-DEI1090 Datasheet
321Kb / 13P
   LED Driver with Square-Law Dimming Control
logo
Exar Corporation
XRT5683A EXAR-XRT5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XR-T5683A EXAR-XR-T5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XRT5683AIP-F EXAR-XRT5683AIP-F Datasheet
93Kb / 12P
   PCM Line Interface Chip
logo
Rohm
BA6138 ROHM-BA6138 Datasheet
106Kb / 4P
   Square-law compression amplifiers
logo
List of Unclassifed Man...
S3506I ETC1-S3506I Datasheet
1Mb / 16P
   CMOS Single Chip u-Law / A-Law Synchronous Combo Codecs With Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com