Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65813P Datasheet(PDF) 4 Page - EPCOS

Part # B65813P
Description  Ferrites and accessories
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65813P Datasheet(HTML) 4 Page - EPCOS

  B65813P Datasheet HTML 1Page - EPCOS B65813P Datasheet HTML 2Page - EPCOS B65813P Datasheet HTML 3Page - EPCOS B65813P Datasheet HTML 4Page - EPCOS B65813P Datasheet HTML 5Page - EPCOS B65813P Datasheet HTML 6Page - EPCOS B65813P Datasheet HTML 7Page - EPCOS B65813P Datasheet HTML 8Page - EPCOS B65813P Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Ungapped
Material
AL value
nH
e
PV
W/set
Ordering code
-J without center hole
N30
7600 +30/–20% 2720
B65813J0000R030
T38
16000 +40/–30% 5720
B65813J0000Y038
N49
2900 +30/–20% 1040
< 0.75 ( 50 mT, 500 kHz,100
C)
B65813J0000R049
N87
4200 +30/–20% 1500
< 2.30 (200 mT, 100 kHz, 100
C) B65813J0000R087
N97
4200 +30/–20% 1500
< 2.00 (200 mT, 100 kHz, 100
C) B65813J0000R097
N41
5500 +30/–20% 1960
< 0.80 (200 mT, 25 kHz, 100
C) B65813J0000R041
B65813
Core
RM 10


Similar Part No. - B65813P

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65813 EPCOS-B65813 Datasheet
200Kb / 8P
   RM 10 RM cores are supplied in sets
logo
TDK Electronics
B65813 TDK-B65813 Datasheet
246Kb / 14P
   Ferrites and accessories
B65813+0400A048 TDK-B65813+0400A048 Datasheet
246Kb / 14P
   Ferrites and accessories
B65813+0630A048 TDK-B65813+0630A048 Datasheet
246Kb / 14P
   Ferrites and accessories
logo
EPCOS
B65813-+400-A48 EPCOS-B65813-+400-A48 Datasheet
200Kb / 8P
   RM 10 RM cores are supplied in sets
More results

Similar Description - B65813P

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com