Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC74ASJX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HC74ASJX
Description  Dual D-Type Flip-Flop with Preset and Clear
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC74ASJX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC74ASJX Datasheet HTML 1Page - Fairchild Semiconductor MM74HC74ASJX Datasheet HTML 2Page - Fairchild Semiconductor MM74HC74ASJX Datasheet HTML 3Page - Fairchild Semiconductor MM74HC74ASJX Datasheet HTML 4Page - Fairchild Semiconductor MM74HC74ASJX Datasheet HTML 5Page - Fairchild Semiconductor MM74HC74ASJX Datasheet HTML 6Page - Fairchild Semiconductor MM74HC74ASJX Datasheet HTML 7Page - Fairchild Semiconductor MM74HC74ASJX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Fairchild Semiconductor Corporation
DS005106
www.fairchildsemi.com
September 1983
Revised January 2005
MM74HC74A
Dual D-Type Flip-Flop with Preset and Clear
General Description
The MM74HC74A utilizes advanced silicon-gate CMOS
technology to achieve operating speeds similar to the
equivalent LS-TTL part. It possesses the high noise immu-
nity and low power consumption of standard CMOS inte-
grated circuits, along with the ability to drive 10 LS-TTL
loads.
This flip-flop has independent data, preset, clear, and clock
inputs and Q and Q outputs. The logic level present at the
data input is transferred to the output during the positive-
going transition of the clock pulse. Preset and clear are
independent of the clock and accomplished by a low level
at the appropriate input.
The 74HC logic family is functionally and pinout compatible
with the standard 74LS logic family. All inputs are protected
from damage due to static discharge by internal diode
clamps to VCC and ground.
Features
s Typical propagation delay: 20 ns
s Wide power supply range: 2–6V
s Low quiescent current: 40
µA maximum (74HC Series)
s Low input current: 1
µA maximum
s Fanout of 10 LS-TTL loads
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Connection Diagram
Pin Assignments for DIP, SOIC, SOP and TSSOP
Truth Table
Note: Q0
= the level of Q before the indicated input conditions were estab-
lished.
Note 1: This configuration is nonstable; that is, it will not persist when pre-
set and clear inputs return to their inactive (HIGH) level.
Order Number
Package
Package Description
Number
MM74HC74AM
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
MM74HC74AMX_NL
M14A
Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
MM74HC74ASJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC74AMTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC74AMTCX_NL
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
MM74HC74AN
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Inputs
Outputs
PR
CLR
CLK
D
Q
Q
LH
X
X
H
L
HL
X
X
L
H
L
L
X
X
H (Note 1)
H (Note 1)
HH
HH
L
HH
LL
H
HH
L
X
Q0
Q 0


Similar Part No. - MM74HC74ASJX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC74ASJ FAIRCHILD-MM74HC74ASJ Datasheet
392Kb / 11P
   Dual D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
MM74HC74ASJ ONSEMI-MM74HC74ASJ Datasheet
382Kb / 11P
   Dual D-Type Flip-Flop with Preset and Clear
February 2008 Rev. 1.3.0
More results

Similar Description - MM74HC74ASJX

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
MM74HCT74 FAIRCHILD-MM74HCT74 Datasheet
85Kb / 7P
   Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
M54HC74 STMICROELECTRONICS-M54HC74 Datasheet
250Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
74AC74 STMICROELECTRONICS-74AC74 Datasheet
97Kb / 11P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
April 1997
M54HCT74 STMICROELECTRONICS-M54HCT74 Datasheet
249Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com