Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65815P Datasheet(PDF) 7 Page - EPCOS

Part # B65815P
Description  Ferrites and accessories
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65815P Datasheet(HTML) 7 Page - EPCOS

Back Button B65815P Datasheet HTML 3Page - EPCOS B65815P Datasheet HTML 4Page - EPCOS B65815P Datasheet HTML 5Page - EPCOS B65815P Datasheet HTML 6Page - EPCOS B65815P Datasheet HTML 7Page - EPCOS B65815P Datasheet HTML 8Page - EPCOS B65815P Datasheet HTML 9Page - EPCOS B65815P Datasheet HTML 10Page - EPCOS B65815P Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 62317-4
For compact transformers
Without center hole
Delivery mode: sets
Magnetic characteristics (per set)
l/A = 0.29 mm–1
le
= 42 mm
Ae
= 147.5 mm2
Amin = 124.7 mm2
Ve
= 6195 mm3
Approx. weight 33.6 g/set
Ungapped
Material
AL value
nH
e
PV
W/set
Ordering code
N49
4500 +30/–20%
1020
< 1.21 ( 50 mT, 500 kHz, 100
C) B65815P0000R049
N92
4800 +30/–20%
1090
< 3.70 (200 mT, 100 kHz, 100
C) B65815P0000R092
N87
6300 +30/–20%
1430
< 3.36 (200 mT, 100 kHz, 100
C) B65815P0000R087
B65815P
Core
RM 12 »Low Profile«


Similar Part No. - B65815P

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65815 EPCOS-B65815 Datasheet
216Kb / 7P
   RM 12 In accordance with IEC 60431
B65815 EPCOS-B65815 Datasheet
323Kb / 8P
   Ferrites and accessories
B65815-E-R30 EPCOS-B65815-E-R30 Datasheet
216Kb / 7P
   RM 12 In accordance with IEC 60431
B65815-E-R41 EPCOS-B65815-E-R41 Datasheet
216Kb / 7P
   RM 12 In accordance with IEC 60431
B65815-E-R49 EPCOS-B65815-E-R49 Datasheet
216Kb / 7P
   RM 12 In accordance with IEC 60431
More results

Similar Description - B65815P

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com