Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP41100-I Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP41100-I
Description  Single/Dual Digital Potentiometer with SPI Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP41100-I Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP41100-I Datasheet HTML 5Page - Microchip Technology MCP41100-I Datasheet HTML 6Page - Microchip Technology MCP41100-I Datasheet HTML 7Page - Microchip Technology MCP41100-I Datasheet HTML 8Page - Microchip Technology MCP41100-I Datasheet HTML 9Page - Microchip Technology MCP41100-I Datasheet HTML 10Page - Microchip Technology MCP41100-I Datasheet HTML 11Page - Microchip Technology MCP41100-I Datasheet HTML 12Page - Microchip Technology MCP41100-I Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
 2003 Microchip Technology Inc.
DS11195C-page 9
MCP41XXX/42XXX
Note: Unless otherwise indicated, curve represents 10 k
Ω, 50 kΩ and 100 kΩ devices, VDD = 5V, VSS = 0V, TA = +25°C,
V
B = 0V.
FIGURE 2-13:
10 k
Ω Device Wiper
Resistance Histogram.
FIGURE 2-14:
50 k
Ω, 100 kΩ Device Wiper
Resistance Histogram.
FIGURE 2-15:
One Position Settling Time.
FIGURE 2-16:
Full-Scale Settling Time.
FIGURE 2-17:
Digital Feed through vs.
Time.
FIGURE 2-18:
Gain vs. Frequency for
10 k
Ω Potentiometer.
0
20
40
60
80
100
120
140
160
180
47 48 49 50 51 52 53 54 55 56 57 58 59
Wiper Resistance (
Ω)
MCP41010,MCP42010
Code = 00h,
Sample Size = 400
0
20
40
60
80
100
120
140
115 117 119 121 123 125 127 129 131 133
Wiper Resistance (
Ω)
MCP41050, MCP41100,
MCP42050, MCP42100
Code = 00h,
Sample Size = 796
VOUT
Code = 7Fh
Code = 80h
CS
CL = 17 pF
VOUT
00h
FFh
CS
CL = 27 pF
CL = 27 pF
Code = 80h
VOUT
CS
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
6
Frequency (Hz)
CL = 30pF, Refer to Figure 2-29
MCP41010, MCP42010 (10k
Ω potentiometers)
Code = FFh
Code = 80h
Code = 40h
Code = 20h
Code = 10h
Code = 08h
Code = 04h
Code = 02h
Code = 01h
100
1k
10k
100k
1M
10M


Similar Part No. - MCP41100-I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP41100-ISN MICROCHIP-MCP41100-ISN Datasheet
689Kb / 32P
   Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP41100-ISN MICROCHIP-MCP41100-ISN Datasheet
689Kb / 32P
   Single/Dual Digital Potentiometer with SPI Interface
07/28/03
More results

Similar Description - MCP41100-I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP42050-I MICROCHIP-MCP42050-I Datasheet
689Kb / 32P
   Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP41050-ISN MICROCHIP-MCP41050-ISN Datasheet
897Kb / 32P
   Single/Dual Digital Potentiometer with SPI??Interface
07/28/03
MCP42010-I MICROCHIP-MCP42010-I Datasheet
689Kb / 32P
   Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP41XXX MICROCHIP-MCP41XXX Datasheet
619Kb / 32P
   Single/Dual Digital Potentiometer with SPI Interface
07/28/03
logo
Texas Instruments
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
logo
ams AG
AS1507 AMSCO-AS1507 Datasheet
530Kb / 17P
   Dual 256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
logo
Texas Instruments
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
logo
Analog Devices
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com