Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B64290P0745X065 Datasheet(PDF) 7 Page - EPCOS

Part # B64290P0745X065
Description  Ferrites and accessories
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B64290P0745X065 Datasheet(HTML) 7 Page - EPCOS

Back Button B64290P0745X065 Datasheet HTML 3Page - EPCOS B64290P0745X065 Datasheet HTML 4Page - EPCOS B64290P0745X065 Datasheet HTML 5Page - EPCOS B64290P0745X065 Datasheet HTML 6Page - EPCOS B64290P0745X065 Datasheet HTML 7Page - EPCOS B64290P0745X065 Datasheet HTML 8Page - EPCOS B64290P0745X065 Datasheet HTML 9Page - EPCOS B64290P0745X065 Datasheet HTML 10Page - EPCOS B64290P0745X065 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Parylene coating
R 3.94
 2.24  1.30 (mm)
R 0.155
 0.088  0.051 (inch)
Dimensions
Characteristics and ordering codes
Parylene coating
R 3.94
 2.24  2.30 (mm)
R 0.155
 0.088  0.090 (inch)
Dimensions
Characteristics and ordering codes
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
3.94
0.12 2.24 0.12 1.30 0.12
0.155
0.005 0.088 0.005 0.051 0.005 uncoated1)
Coating thickness 0.017 mm
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
K10
100
25%
700
B64290P0061X010
8.56
9.21
1.08
9.90
0.05
T57
550
25%
3800
B64290P0061X057
T65
700
30%
4800
B64290P0061X065
T38
1470
30% 10000
B64290P0061X038
T46
2200
30% 15000
B64290P0061X046
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
3.94
0.12 2.24 0.12 2.30 0.15
0.155
0.005 0.088 0.005 0.090 0.006 uncoated1)
Coating thickness 0.017 mm
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
K10
180
25%
700
B64290P0723X010
4.85
9.21
1.90
17.5
0.09
T57
990
25%
3800
B64290P0723X057
T65
1200
30%
4800
B64290P0723X065
T38
2600
30% 10000
B64290P0723X038
T46
3890
30% 15000
B64290P0723X046
B64290P0061
B64290P0723
R 3.94
 2.24  2.30
R 3.94
 2.24  1.30


Similar Part No. - B64290P0745X065

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B64290P0745X065 TDK-B64290P0745X065 Datasheet
156Kb / 7P
   Ferrites and accessories
More results

Similar Description - B64290P0745X065

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com