Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65807J0000R049 Datasheet(PDF) 10 Page - EPCOS

Part # B65807J0000R049
Description  Ferrites and accessories
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65807J0000R049 Datasheet(HTML) 10 Page - EPCOS

Back Button B65807J0000R049 Datasheet HTML 6Page - EPCOS B65807J0000R049 Datasheet HTML 7Page - EPCOS B65807J0000R049 Datasheet HTML 8Page - EPCOS B65807J0000R049 Datasheet HTML 9Page - EPCOS B65807J0000R049 Datasheet HTML 10Page - EPCOS B65807J0000R049 Datasheet HTML 11Page - EPCOS B65807J0000R049 Datasheet HTML 12Page - EPCOS B65807J0000R049 Datasheet HTML 13Page - EPCOS B65807J0000R049 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
SMD coil former with gullwing terminals
Material:
GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155
C), color code black
Vectra E 130i E106764 (M), POLYPLASTICS CO LTD
Vectra E 130i E83005 (M), TICONA
Solderability: to IEC 60068-2-58, test Td, method 6 (Group 3): 245
C, 3 s
Resistance to soldering heat: to IEC 60068-2-58, test Td, method 6 (Group 3): 255
C, 10 s
permissible soldering temperature for wire-wrap connection on coil former: 400
C,1 s
Winding:
see Data Book 2013, chapter “Processing notes, 2.1”
Clamp
Without ground terminal, made of stainless spring steel, 0.435 mm thick
Also available as strip clamp on request
Coil former
Clamp
Sections
AN
mm2
lN
mm
AR value

Terminals
Ordering code
1
16.2
31
66
8
B65821C1008T001
Clamp
(ordering code per piece, 2 are required)
B65808J2204X000
B65821, B65808
Accessories
RM 6


Similar Part No. - B65807J0000R049

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65807J0000R049 EPCOS-B65807J0000R049 Datasheet
479Kb / 13P
   Ferrites and accessories
More results

Similar Description - B65807J0000R049

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com