Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP14E5TESN Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP14E5TESN
Description  4.0A Dual High-Speed Power MOSFET Drivers With Enable
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E5TESN Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP14E5TESN Datasheet HTML 4Page - Microchip Technology MCP14E5TESN Datasheet HTML 5Page - Microchip Technology MCP14E5TESN Datasheet HTML 6Page - Microchip Technology MCP14E5TESN Datasheet HTML 7Page - Microchip Technology MCP14E5TESN Datasheet HTML 8Page - Microchip Technology MCP14E5TESN Datasheet HTML 9Page - Microchip Technology MCP14E5TESN Datasheet HTML 10Page - Microchip Technology MCP14E5TESN Datasheet HTML 11Page - Microchip Technology MCP14E5TESN Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MCP14E3/MCP14E4/MCP14E5
DS22062B-page 8
© 2008 Microchip Technology Inc.
Typical Performance Curves (Continued)
Note: Unless otherwise indicated, T
A = +25°C with 4.5V ≤ VDD ≤ 18V.
FIGURE 2-7:
Propagation Delay Time vs.
Supply Voltage.
FIGURE 2-8:
Quiescent Current vs.
Supply Voltage.
FIGURE 2-9:
Output Resistance (Output
High) vs. Supply Voltage.
FIGURE 2-10:
Propagation Delay Time vs.
Temperature.
FIGURE 2-11:
Quiescent Current vs.
Temperature.
FIGURE 2-12:
Output Resistance (Output
Low) vs. Supply Voltage.
20
40
60
80
100
120
140
4
6
8
10
12
14
16
18
Supply Voltage (V)
tD1
tD2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
4
6
8
101214
16
18
Supply Voltage (V)
Input = 1
Input = 0
1
2
3
4
5
6
7
8
4
6
8
101214
1618
Supply Voltage (V)
TA = 125°C
TA = 25°C
VIN = 0V (MCP14E3)
VIN = 5V (MCP14E4)
40
50
60
70
80
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (°C)
tD1
tD2
VDD = 12V
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (°C)
Input = 1
Input = 0
VDD = 18V
1
2
3
4
5
6
7
8
4
6
8
101214
1618
Supply Voltage (V)
TA = 125°C
TA = 25°C
VIN = 5V (MCP14E3)
VIN = 0V (MCP14E4)


Similar Part No. - MCP14E5TESN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP14E10 MICROCHIP-MCP14E10 Datasheet
817Kb / 30P
   3.0A Dual High-Speed Power MOSFET Driver With Enable
2011
MCP14E10T MICROCHIP-MCP14E10T Datasheet
817Kb / 30P
   3.0A Dual High-Speed Power MOSFET Driver With Enable
2011
MCP14E11 MICROCHIP-MCP14E11 Datasheet
817Kb / 30P
   3.0A Dual High-Speed Power MOSFET Driver With Enable
2011
MCP14E11T MICROCHIP-MCP14E11T Datasheet
817Kb / 30P
   3.0A Dual High-Speed Power MOSFET Driver With Enable
2011
MCP14E3 MICROCHIP-MCP14E3 Datasheet
411Kb / 26P
   4.0A Dual High-Speed Power MOSFET Drivers With Enable
2008
More results

Similar Description - MCP14E5TESN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP14E3 MICROCHIP-MCP14E3 Datasheet
411Kb / 26P
   4.0A Dual High-Speed Power MOSFET Drivers With Enable
2008
logo
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18_11 Datasheet
757Kb / 17P
   6A, 13V High Speed MOSFET Drivers with Enable Input
logo
Microchip Technology
MCP14E6 MICROCHIP-MCP14E6 Datasheet
877Kb / 30P
   2.0A Dual High-Speed Power MOSFET Driver With Enable
2011
MCP14E9 MICROCHIP-MCP14E9 Datasheet
817Kb / 30P
   3.0A Dual High-Speed Power MOSFET Driver With Enable
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com