Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HCT14SJ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MM74HCT14SJ
Description  Hex Inverting Schmitt Trigger
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HCT14SJ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MM74HCT14SJ Datasheet HTML 1Page - Fairchild Semiconductor MM74HCT14SJ Datasheet HTML 2Page - Fairchild Semiconductor MM74HCT14SJ Datasheet HTML 3Page - Fairchild Semiconductor MM74HCT14SJ Datasheet HTML 4Page - Fairchild Semiconductor MM74HCT14SJ Datasheet HTML 5Page - Fairchild Semiconductor MM74HCT14SJ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: Absolute Maximum Ratings are those values beyond which dam-
age to the device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
DC Electrical Characteristics (Note 3)
Note 3: For a power supply of 5V
± 10% the worst case output voltages (V
OH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when
designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage cur-
rent (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
Supply Voltage (VCC)
−0.5 to +7.0V
DC Input Voltage (VIN)
−1.5 to V
CC + 1.5V
DC Output Voltage (VOUT)
−0.5 to V
CC + 0.5V
Clamp Diode Current (IIK, IOK)
± 20 mA
DC Output Current, per pin (IOUT)
± 25 mA
DC VCC or GND Current, per pin (ICC)
± 50 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Lead Temperature (TL)
(Soldering 10 seconds)
260
°C
Min
Max
Units
Supply Voltage (VCC)2
6
V
DC Input or Output Voltage
(VIN, VOUT)0
VCC
V
Operating Temperature Range (TA)
−40
+85
°C
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°C
Units
Typ
Guaranteed Limits
VT+
Positive Going
Minimum
4.5V
1.5
1.2
1.2
V
Threshold Voltage
5.5V
1.7
1.4
1.4
V
Maximum
4.5V
1.5
1.9
1.9
V
5.5V
1.7
2.1
2.1
V
VT−
Negative Going
Minimum
4.5V
0.9
0.5
0.5
V
Threshold Voltage
5.5V
1.0
0.6
0.6
V
Maximum
4.5V
0.9
1.2
1.2
V
5.5V
1.0
1.4
1.4
V
VH
Hysteresis Voltage
Minimum
4.5V
0.6
0.4
0.4
V
5.5V
0.7
0.4
0.4
V
Maximum
4.5V
0.6
1.4
1.4
V
5.5V
0.7
1.5
1.5
V
V OH
Minimum HIGH Level
VIN = VIL
Output Voltage
|IOUT| = 20 µAVCC
VCC− 0.1
VCC − 0.1
V
|IOUT| = 4.0 mA, VCC = 4.5V
4.2
3.98
3.84
V
|IOUT| = 4.8 mA, VCC = 5.5V
5.2
4.98
4.98
V
VOL
Maximum LOW Level
VIN = VIH
Voltage
|IOUT| = 20 µA0
0.1
0.1
V
|IOUT| = 4.0 mA, VCC = 4.5V
0.2
0.26
0.33
V
|IOUT| = 4.8 mA, VCC = 5.5V
0.2
0.26
0.33
V
IIN
Maximum Input Current
VIN = VCC or GND
±0.1
±1.0
µA
VIH or VIL
ICC
Maximum Quiescent
VIN = VCC or GND
5.5V
1.0
10
µA
Supply Current
IOUT = 0 µA
VIN=2.4V or 0.5V (Note 3)
5.5V
2.4
2.4
mA


Similar Part No. - MM74HCT14SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HCT14SJ FAIRCHILD-MM74HCT14SJ Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
logo
ON Semiconductor
MM74HCT14SJ ONSEMI-MM74HCT14SJ Datasheet
245Kb / 10P
   Hex Inverting Schmitt Trigger
October 2009 Rev. 1.4.2
MM74HCT14SJX ONSEMI-MM74HCT14SJX Datasheet
245Kb / 10P
   Hex Inverting Schmitt Trigger
October 2009 Rev. 1.4.2
logo
Fairchild Semiconductor
MM74HCT14SJX FAIRCHILD-MM74HCT14SJX_09 Datasheet
574Kb / 11P
   Hex Inverting Schmitt Trigger
MM74HCT14SJ FAIRCHILD-MM74HCT14SJ_09 Datasheet
574Kb / 11P
   Hex Inverting Schmitt Trigger
More results

Similar Description - MM74HCT14SJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com