Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65805P0000R049 Datasheet(PDF) 7 Page - EPCOS

Part # B65805P0000R049
Description  Ferrites and accessories
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65805P0000R049 Datasheet(HTML) 7 Page - EPCOS

Back Button B65805P0000R049 Datasheet HTML 3Page - EPCOS B65805P0000R049 Datasheet HTML 4Page - EPCOS B65805P0000R049 Datasheet HTML 5Page - EPCOS B65805P0000R049 Datasheet HTML 6Page - EPCOS B65805P0000R049 Datasheet HTML 7Page - EPCOS B65805P0000R049 Datasheet HTML 8Page - EPCOS B65805P0000R049 Datasheet HTML 9Page - EPCOS B65805P0000R049 Datasheet HTML 10Page - EPCOS B65805P0000R049 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
SMD coil former with gullwing terminals
Material:
GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155
C), color code black
Vectra C 130 E83005 (M), TICONA
Solderability: to IEC 60068-2-58, test Td, method 6 (Group 3): 245
C, 3 s
Resistance to soldering heat: to IEC 60068-2-58, test Td, method 6 (Group 3): 255
C, 10 s
permissible soldering temperature for wire-wrap connection on coil former: 400
C,1 s
Winding:
see Data Book 2013, chapter “Processing notes, 2.1”
Clamp
Without ground terminal, made of stainless spring steel, 0.335 mm thick
Also available as strip clamp (each carton containing 2 reels) on request
Coil former
Clamp
Sections
AN
mm2
lN
mm
AR value

Terminals
Ordering code
1
11.1
25
77
8
B65822F1008T001
2
10.2
25
85
8
B65822F1008T002
Clamp
(ordering code per piece, 2 are required)
B65806J2204X000
B65822, B65806
Accessories
RM 5


Similar Part No. - B65805P0000R049

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65805P0000R049 EPCOS-B65805P0000R049 Datasheet
427Kb / 11P
   Ferrites and accessories
logo
TDK Electronics
B65805P0000R049 TDK-B65805P0000R049 Datasheet
1Mb / 17P
   Ferrites and accessories
October 2022
More results

Similar Description - B65805P0000R049

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com