Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HCT240MTC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MM74HCT240MTC
Description  Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HCT240MTC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74HCT240MTC Datasheet HTML 1Page - Fairchild Semiconductor MM74HCT240MTC Datasheet HTML 2Page - Fairchild Semiconductor MM74HCT240MTC Datasheet HTML 3Page - Fairchild Semiconductor MM74HCT240MTC Datasheet HTML 4Page - Fairchild Semiconductor MM74HCT240MTC Datasheet HTML 5Page - Fairchild Semiconductor MM74HCT240MTC Datasheet HTML 6Page - Fairchild Semiconductor MM74HCT240MTC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
MM74HCT240, MM74HCT244 VCC = 5.0V, tr = tf = 6 ns, TA = 25°C (unless otherwise specified)
AC Electrical Characteristics
MM74HCT240, MM74HCT244 VCC = 5.0V ± 10%, tr = tf = 6 ns (unless otherwise specified)
Note 5: CPD determines the no load dynamic power consumption, PD = CPD VCC2 f + ICC VCC, and the no load dynamic current consumption,
IS = CPD VCC f + ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limits
tPHL, tPLH
Maximum Output
CL = 45 pF
14
18
ns
Propagation Delay
tPZL, tPZH
Maximum Output
CL = 45 pF
20
30
ns
Enable Time
RL = 1 kΩ
tPLZ, tPHZ
Maximum Output
CL = 5 pF
16
25
ns
Disable Time
RL = 1 kΩ
Symbol
Parameter
Conditions
TA = 25°CTA = −40 to 85°CTA = −55° to 125°C
Units
Typ
Guaranteed Limits
tPHL, tPLH
Maximum Output
CL = 50 pF
14
20
25
30
ns
Propagation Delay
CL = 150 pF
20
28
35
42
ns
tPZH, tPZL
Maximum Output
RL = 1 kΩ
CL = 50 pF
21
30
38
45
ns
Enable Time
CL = 150 pF
26
42
53
63
ns
tPHZ, tPLZ
Maximum Output
RL = 1 kΩ
16
25
32
38
ns
Disable Time
CL = 50 pF
tTHL, tTLH
Maximum Output
CL = 50 pF
6
12
15
18
ns
Rise and Fall Time
CIN
Maximum Input
10
15
15
15
pF
Capacitance
COUT
Maximum Output
15
20
20
20
pF
Capacitance
CPD
Power Dissipation
(per buffer)
Capacitance (Note 5)
G
= V
CC, G = GND
5pF
G
= GND, G = V
CC
90
pF


Similar Part No. - MM74HCT240MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HCT240MTC FAIRCHILD-MM74HCT240MTC Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
logo
ON Semiconductor
MM74HCT240MTC ONSEMI-MM74HCT240MTC Datasheet
215Kb / 10P
   Inverting Octal 3-STATE Buffer
Revised May 2005
More results

Similar Description - MM74HCT240MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
   Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_07 Datasheet
283Kb / 11P
   MM74HCT540, Inverting Octal 3-STATE Buffer MM74HCT541, Octal 3-STATE Buffer
logo
NXP Semiconductors
74ABT540 PHILIPS-74ABT540 Datasheet
111Kb / 10P
   Octal buffer, inverting (3-State)
1998 Jan 16
logo
ON Semiconductor
MM74HCT540 ONSEMI-MM74HCT540 Datasheet
286Kb / 13P
   Inverting Octal 3-STATE Buffer
June 2007 Rev. 1.3
logo
Fairchild Semiconductor
MM74HC240 FAIRCHILD-MM74HC240 Datasheet
89Kb / 8P
   Inverting Octal 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com