Selected language     English  ▼


TC54VN2702EZB713 Datasheet(PDF) 8 Page - Microchip Technology

Part No. TC54VN2702EZB713
Description  Voltage Detector
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo 

 8 page
background image
TC54
DS21434J-page 8
 2001-2011 Microchip Technology Inc.
)
Symbol
Output
Voltage
BCMOS
1.
CCMOS
2.
DCMOS
3.
ECMOS
4.
FCMOS
5.
HCMOS
6.
ICMOS
7.
Symbol
Output
Voltage
LNch
1.
MNch
2.
NNch
3.
PNch
4.
RNch
5.
SNch
6.
TNch
7.
Symbol
Voltage
Symbol
Voltage
0.0
6
.6
1.1
7
.7
2.2
8
.8
3.3
9
.9
4.4
5.5
3-Pin SOT-23A
3-Pin SOT-89
1
1
2
2
4
3
4
3
1
represents output configuration (CMOS or Nch)
and first integer of voltage
Ex: CMOS 3.x = D
2
represents first decimal of output voltage (0-9)
Ex: CMOS 3.x = D 4
4
3
represents assembly lot code
&
Symbol
Output
CCMOS
N
N-Channel
Symbol
Voltage
22.
33.
44.
55.
66.
Symbol
Voltage
Symbol
Voltage
0.0
5
.5
1.1
6
.6
2.2
7
.7
3.3
8
.8
4.4
9
.9
Symbol
Delay Time
0No Delay
Symbol
Accuracy
1
±1.0% (custom)
2
±2.0% (standard)
3-Pin TO-92
8
4
7
3
6
2
5
1
= 54X (fixed)
1 , 2 , & 3
4
represents output configuration (CMOS or Nch)
Ex: CMOS 3.x = C
5
represents first integer of detect voltage
6
represents first decimal of detect voltage
7
represents the output delay time
represents the device accuracy
8




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl