Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

500SHBAMACHR Datasheet(PDF) 3 Page - Silicon Laboratories

Part # 500SHBAMACHR
Description  Quartz-free, MEMS-free, and pll-free all-silicon oscillator Any output frequencies from 0.9 to 200 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

500SHBAMACHR Datasheet(HTML) 3 Page - Silicon Laboratories

  500SHBAMACHR Datasheet HTML 1Page - Silicon Laboratories 500SHBAMACHR Datasheet HTML 2Page - Silicon Laboratories 500SHBAMACHR Datasheet HTML 3Page - Silicon Laboratories 500SHBAMACHR Datasheet HTML 4Page - Silicon Laboratories 500SHBAMACHR Datasheet HTML 5Page - Silicon Laboratories 500SHBAMACHR Datasheet HTML 6Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Si500S
Rev. 1.1
3
Package Specifications
Figure 1. Recommended Land Pattern
Figure 2. Top Mark
Table 1. Package Diagram Dimensions (mm)
Dimension
Min
Nom
Max
Dimension
Min
Nom
Max
A
0.80
0.85
0.90
L1
0.00
0.05
0.10
A1
0.00
0.03
0.05
aaa
0.10
b
1.15
1.20
1.25
bbb
0.10
D
3.20 BSC
ccc
0.08
e
2.54 BSC
ddd
0.10
E
4.00 BSC
eee
0.05
L
0.95
1.00
1.05
Table 2. Pad Connections
1OE
2GND
3
Output
4VDD
Dimension
(mm)
C1
2.90
E
2.40
X1
1.40
Y1
1.70
Table 3. Tri-State/Powerdown/Driver Stopped
Function on OE (3rd Option Code)
AB
C
D
E
F
Open
Active Active
Active
Active
Active
Active
1
Level
Active
Tri-
State
Active
Power-
down
Active
Driver
Stopped
0
Level
Tri-
State
Active
Power-
down
Active
Driver
Stopped
Active
0 C CC CC
TT T
T
T
T
YY
0 = Si500
CCCCC = mark code
TTTTTT = assembly manufacturing code
YY = year
WW = work week
WW


Similar Part No. - 500SHBAMACHR

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
500SHB100AA1LE EXXELIA-500SHB100AA1LE Datasheet
1Mb / 34P
   Super HiQ
06/20
500SHB100AA6LE EXXELIA-500SHB100AA6LE Datasheet
1Mb / 34P
   Super HiQ
06/20
500SHB100AC1LE EXXELIA-500SHB100AC1LE Datasheet
1Mb / 34P
   Super HiQ
06/20
500SHB100AC6LE EXXELIA-500SHB100AC6LE Datasheet
1Mb / 34P
   Super HiQ
06/20
500SHB100AS1LE EXXELIA-500SHB100AS1LE Datasheet
1Mb / 34P
   Super HiQ
06/20
More results

Similar Description - 500SHBAMACHR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FQ7050B-6.000 FOX-FQ7050B-6.000 Datasheet
61Kb / 1P
   ALL QUARTZ, Pb-FREE, SMD, CRYSTAL
FQ7050B-8.000 FOX-FQ7050B-8.000 Datasheet
61Kb / 1P
   ALL QUARTZ, Pb-FREE, SMD, CRYSTAL
FQ7050B-10.000 FOX-FQ7050B-10.000 Datasheet
61Kb / 1P
   ALL QUARTZ, Pb-FREE, SMD, CRYSTAL
FQ7050B-11.0592 FOX-FQ7050B-11.0592 Datasheet
61Kb / 1P
   ALL QUARTZ, Pb-FREE, SMD, CRYSTAL
logo
Infineon Technologies A...
ESD205-B1 INFINEON-ESD205-B1 Datasheet
969Kb / 16P
   Pb-free and halogen free package
Revision 1.4, 2014-05-14
ESD113-B1 INFINEON-ESD113-B1 Datasheet
740Kb / 16P
   Pb-free and halogen-free package
Revision 1.2, 2014-05-14
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
1206L035YR LITTELFUSE-1206L035YR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
TXC Corporation.
DE-SERIES TXC-DE-SERIES Datasheet
941Kb / 1P
   LVDS output, output frequencies 25 MHz to 200 MHz.
logo
Littelfuse
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com