Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

500SABCMACHR Datasheet(PDF) 4 Page - Silicon Laboratories

Part # 500SABCMACHR
Description  Quartz-free, MEMS-free, and pll-free all-silicon oscillator Any output frequencies from 0.9 to 200 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

500SABCMACHR Datasheet(HTML) 4 Page - Silicon Laboratories

  500SABCMACHR Datasheet HTML 1Page - Silicon Laboratories 500SABCMACHR Datasheet HTML 2Page - Silicon Laboratories 500SABCMACHR Datasheet HTML 3Page - Silicon Laboratories 500SABCMACHR Datasheet HTML 4Page - Silicon Laboratories 500SABCMACHR Datasheet HTML 5Page - Silicon Laboratories 500SABCMACHR Datasheet HTML 6Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Si500S
4
Rev. 1.1
Environmental Compliance
Ordering Information
The Si500S supports a variety of options including frequency, output format, supply voltage, and tri-
state/powerdown/output driver stopped mode. Specific device configurations are programmed into the Si500S at
time of shipment. Configurations are specified using the figure below. Silicon Labs provides a web-based part
number
utility
that
can
be
used
to
simplify
part
number
configuration.
Refer
to
www.silabs.com/SiliconXOPartnumber to access this tool. The Si500S silicon oscillator is supplied in a ROHS-
compliant, 4-pad, 3.2 x 4.0 mm package. Tape and reel packaging is available as an ordering option.
Parameter
Conditions/Test Method
Mechanical Shock
MIL-STD-883, Method 2002.4
Mechanical Vibration
MIL-STD-883, Method 2007.3 A
Resistance to Soldering Heat
MIL-STD-202, 260 C
° for 8 seconds
Solderability
MIL-STD-883, Method 2003.8
Damp Heat
IEC 68-2-3
Moisture Sensitivity Level
J-STD-020, MSL 3
500S
X
X
Si500 Oscillator
VDD
A
D
E
H
J
M
3.3
3.3
2.5
2.5
1.8
1.8
Format
CMOS
SSTL
CMOS
SSTL
CMOS
SSTL
1st Option Code
2nd Option Code
Stability (ppm, max)
A
±150
B
±250
X
3rd Option Code
Tri-State/Powerdown/
Output Driver Stopped
A
B
C
D
E
F
OE active high/tristate
OE active low/tristate
OE active high/powerdown
OE active low/powerdown
OE active high/driver stopped
OE active low/driver stopped
XXMXXXX
A
C
X
R
Frequency
xMxxxxx: fOUT < 10 MHz
xxMxxxx: 10 MHz < fOUT < 100 MHz
xxxMxxx: fOUT > 100 MHz
R = Tape & Reel
Blank = Cut-Tape
Oper. Temp Range
F
0 to 70 °C
*H
0 to 85 °C
Product Revision = C
Package
A
3.2 x 4.0 mm SMD
*Note: Only +250 ppm is supported.


Similar Part No. - 500SABCMACHR

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
500S012-E09B GLENAIR-500S012-E09B Datasheet
89Kb / 1P
   Micro-D Backshells Strain Relief, Qwik-Ty, One Piece
500S012-E09E GLENAIR-500S012-E09E Datasheet
89Kb / 1P
   Micro-D Backshells Strain Relief, Qwik-Ty, One Piece
500S012-E09F GLENAIR-500S012-E09F Datasheet
89Kb / 1P
   Micro-D Backshells Strain Relief, Qwik-Ty, One Piece
500S012-E09H GLENAIR-500S012-E09H Datasheet
89Kb / 1P
   Micro-D Backshells Strain Relief, Qwik-Ty, One Piece
500S012-E15B GLENAIR-500S012-E15B Datasheet
89Kb / 1P
   Micro-D Backshells Strain Relief, Qwik-Ty, One Piece
More results

Similar Description - 500SABCMACHR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FQ7050B-6.000 FOX-FQ7050B-6.000 Datasheet
61Kb / 1P
   ALL QUARTZ, Pb-FREE, SMD, CRYSTAL
FQ7050B-8.000 FOX-FQ7050B-8.000 Datasheet
61Kb / 1P
   ALL QUARTZ, Pb-FREE, SMD, CRYSTAL
FQ7050B-10.000 FOX-FQ7050B-10.000 Datasheet
61Kb / 1P
   ALL QUARTZ, Pb-FREE, SMD, CRYSTAL
FQ7050B-11.0592 FOX-FQ7050B-11.0592 Datasheet
61Kb / 1P
   ALL QUARTZ, Pb-FREE, SMD, CRYSTAL
logo
Infineon Technologies A...
ESD205-B1 INFINEON-ESD205-B1 Datasheet
969Kb / 16P
   Pb-free and halogen free package
Revision 1.4, 2014-05-14
ESD113-B1 INFINEON-ESD113-B1 Datasheet
740Kb / 16P
   Pb-free and halogen-free package
Revision 1.2, 2014-05-14
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
1206L035YR LITTELFUSE-1206L035YR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
TXC Corporation.
DE-SERIES TXC-DE-SERIES Datasheet
941Kb / 1P
   LVDS output, output frequencies 25 MHz to 200 MHz.
logo
Littelfuse
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com