Electronic Components Datasheet Search |
|
EFM32ZG222F16-QFP48 Datasheet(PDF) 9 Page - Silicon image |
|
EFM32ZG222F16-QFP48 Datasheet(HTML) 9 Page - Silicon image |
9 / 66 page Preliminary ...the world's most energy friendly microcontrollers 2013-10-09 - EFM32ZG222FXX - d0066_Rev0.60 9 www.silabs.com 3.4 Current Consumption Table 3.3. Current Consumption Symbol Parameter Condition Min Typ Max Unit 24 MHz HFXO, all peripheral clocks disabled, VDD= 3.0 V 114.9 µA/ MHz 21 MHz HFRCO, all peripheral clocks disabled, VDD= 3.0 V 114.4 µA/ MHz 14 MHz HFRCO, all peripheral clocks disabled, VDD= 3.0 V 116.6 µA/ MHz 11 MHz HFRCO, all peripheral clocks disabled, VDD= 3.0 V 118.2 µA/ MHz 6.6 MHz HFRCO, all peripheral clocks disabled, VDD= 3.0 V 123.5 µA/ MHz IEM0 EM0 current. No prescaling. Running prime number cal- culation code from Flash. 1.2 MHz HFRCO, all peripheral clocks disabled, VDD= 3.0 V 155.1 µA/ MHz 24 MHz HFXO, all peripheral clocks disabled, VDD= 3.0 V 48.0 µA/ MHz 21 MHz HFRCO, all peripheral clocks disabled, VDD= 3.0 V 48.1 µA/ MHz 14 MHz HFRCO, all peripheral clocks disabled, VDD= 3.0 V 50.1 µA/ MHz 11 MHz HFRCO, all peripheral clocks disabled, VDD= 3.0 V 51.8 µA/ MHz 6.6 MHz HFRCO, all peripheral clocks disabled, VDD= 3.0 V 57.1 µA/ MHz IEM1 EM1 current 1.2 MHz HFRCO. all peripheral clocks disabled, VDD= 3.0 V 89.1 µA/ MHz EM2 current with RTC at 1 Hz, RTC prescaled to 1kHz, 32.768 kHz LFRCO, VDD= 3.0 V, TAMB=25°C 0.86 µA IEM2 EM2 current EM2 current with RTC at 1 Hz, RTC prescaled to 1kHz, 32.768 kHz LFRCO, VDD= 3.0 V, TAMB=85°C 1.66 µA VDD= 3.0 V, TAMB=25°C 0.49 µA IEM3 EM3 current VDD= 3.0 V, TAMB=85°C 1.26 µA VDD= 3.0 V, TAMB=25°C 0.02 µA IEM4 EM4 current VDD= 3.0 V, TAMB=85°C 0.29 µA |
Similar Part No. - EFM32ZG222F16-QFP48 |
|
Similar Description - EFM32ZG222F16-QFP48 |